Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZGP323H Datasheet(PDF) 25 Page - Zilog, Inc.

Part No. ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZGP323H Datasheet(HTML) 25 Page - Zilog, Inc.

Back Button ZGP323H Datasheet HTML 21Page - Zilog, Inc. ZGP323H Datasheet HTML 22Page - Zilog, Inc. ZGP323H Datasheet HTML 23Page - Zilog, Inc. ZGP323H Datasheet HTML 24Page - Zilog, Inc. ZGP323H Datasheet HTML 25Page - Zilog, Inc. ZGP323H Datasheet HTML 26Page - Zilog, Inc. ZGP323H Datasheet HTML 27Page - Zilog, Inc. ZGP323H Datasheet HTML 28Page - Zilog, Inc. ZGP323H Datasheet HTML 29Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
AC Characteristics
17
Table 13. AC Characteristics
TA=0°C to +70°C (S)
–40°C to +105°C (E)
–40°C to +125°C (A)
8.0MHz
Watch-Dog
Timer
Mode
Register
(D1, D0)
No Symbol
Parameter
VCC
Minimum
Maximum
Units Notes
1
TpC
Input Clock Period
2.0–5.5
121
DC
ns
1
2
TrC,TfC
Clock Input Rise and
Fall Times
2.0–5.5
25
ns
1
3
TwC
Input Clock Width
2.0–5.5
37
ns
1
4
TwTinL
Timer Input
Low Width
2.0
5.5
100
70
ns
1
5
TwTinH
Timer Input High
Width
2.0–5.5
3TpC
1
6
TpTin
Timer Input Period
2.0–5.5
8TpC
1
7
TrTin,TfTin Timer Input Rise and
Fall Timers
2.0–5.5
100
ns
1
8
TwIL
Interrupt Request
Low Time
2.0
5.5
100
70
ns
1, 2
9
TwIH
Interrupt Request
Input High Time
2.0–5.5
5TpC
1, 2
10 Twsm
Stop-Mode
Recovery Width
Spec
2.0–5.5
12
5TpC
ns
3
4
11 Tost
Oscillator
Start-Up Time
2.0–5.5
5TpC
4
12 Twdt
Watch-Dog Timer
Delay Time
2.0–5.5
2.0–5.5
2.0–5.5
2.0–5.5
5
10
20
80
ms
ms
ms
ms
0, 0
0, 1
1, 0
1, 1
13 TPOR
Power-On Reset
2.0–5.5
2.5
10
ms
Notes:
1. Timing Reference uses 0.9 VCC for a logic 1 and 0.1 VCC for a logic 0.
2. Interrupt request through Port 3 (P33–P31).
3. SMR – D5 = 1.
4. SMR – D5 = 0.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn