Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZGP323H Datasheet(PDF) 23 Page - Zilog, Inc.

Part No. ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZILOG [Zilog, Inc.]
Homepage  http://www.zilog.com
Logo 

ZGP323H Datasheet(HTML) 23 Page - Zilog, Inc.

Zoom Inzoom in Zoom Outzoom out
 23 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
DC Characteristics
15
VHVD
Vcc High Voltage
Detection
2.7
V
Notes:
1. All outputs unloaded, inputs at rail.
2. CL1 = CL2 = 100 pF.
3. Oscillator stopped.
4. Oscillator stops when VCC falls below VBO limit.
5. It is strongly recommended to add a filter capacitor (minimum 0.1
µF), physically close to VCC and V
SS pins if operating
voltage fluctuations are anticipated, such as those resulting from driving an Infrared LED.
6. Comparator and Timers are on. Interrupt disabled.
7. Typical values shown are at 25 degrees C.
Table 12. EPROM/OTP Characteristics
Symbol
Parameter
Min.
Typ.
Max. Unit
Notes
Erase Time
15
Minutes
1,3
Data Retention @ use years
10
Years
2
Program/Erase Endurance
100
Cycles
1
Notes:
1. For windowed cerdip package only.
2. Standard: 0°C to 70°C; Extended: -40°C to +105°C; Automotive: -40°C to +125°C.
Determined using the Arrhenius model, which is an industry standard for estimating data
retention of floating gate technologies:
AF = exp[(Ea/k)*(1/Tuse - 1/TStress)]
Where:
Ea is the intrinsic activation energy (eV; typ. 0.8)
k is Boltzman’s constant (8.67 x 10-5 eV/°K)
°K = -273.16°C
Tuse = Use Temperature in °K
TStress = Stress Temperature in °K
3. At a stable UV Lamp output of 20mW/CM2
Table 11. GP323HA DC Characteristics (Continued)
TA= -40°C to +125°C
Units Conditions
Notes
Symbol
Parameter
VCC
Min
Typ(7)
Max


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn