Electronic Components Datasheet Search |
|
ZGP323H Datasheet(PDF) 22 Page - Zilog, Inc. |
|
ZGP323H Datasheet(HTML) 22 Page - Zilog, Inc. |
22 / 107 page ZGP323H Product Specification PS023803-0305 DC Characteristics 14 Table 11. GP323HA DC Characteristics TA= -40°C to +125°C Units Conditions Notes Symbol Parameter VCC Min Typ(7) Max VCC Supply Voltage 2.0 5.5 V See Note 5 5 VCH Clock Input High Voltage 2.0-5.5 0.8 VCC VCC+0.3 V Driven by External Clock Generator VCL Clock Input Low Voltage 2.0-5.5 VSS–0.3 0.4 V Driven by External Clock Generator VIH Input High Voltage 2.0-5.5 0.7 VCC VCC+0.3 V VIL Input Low Voltage 2.0-5.5 VSS–0.3 0.2 VCC V VOH1 Output High Voltage 2.0-5.5 VCC–0.4 V IOH = –0.5mA VOH2 Output High Voltage (P36, P37, P00, P01) 2.0-5.5 VCC–0.8 V IOH = –7mA VOL1 Output Low Voltage 2.0-5.5 0.4 V IOL = 4.0mA VOL2 Output Low Voltage (P00, P01, P36, P37) 2.0-5.5 0.8 V IOL = 10mA VOFFSET Comparator Input Offset Voltage 2.0-5.5 25 mV VREF Comparator Reference Voltage 2.0-5.5 0 VDD -1.75 V IIL Input Leakage 2.0-5.5 –1 1 µAV IN = 0V, VCC Pull-ups disabled RPU Pull-up Resistance 2.0V 200 700 K Ω VIN = 0V; Pullups selected by mask option 3.6V 50 300 K Ω 5.0V 25 175 K Ω IOL Output Leakage 2.0-5.5 –1 1 µAV IN = 0V, VCC ICC Supply Current 2.0V 3.6V 5.5V 1 5 10 3 10 15 mA mA mA at 8.0 MHz at 8.0 MHz at 8.0 MHz 1, 2 1, 2 1, 2 ICC1 Standby Current (HALT Mode) 2.0V 3.6V 5.5V 0.5 0.8 1.3 1.6 2.0 3.2 mA mA mA VIN = 0V, Clock at 8.0MHz VIN = 0V, Clock at 8.0MHz VIN = 0V, Clock at 8.0MHz 1, 2, 6 1, 2, 6 1, 2, 6 ICC2 Standby Current (Stop Mode) 2.0V 3.6V 5.5V 2.0V 3.6V 5.5V 1.6 1.8 1.9 5 8 15 15 20 25 30 40 60 µA µA µA µA µA µA VIN = 0 V, VCC WDT not Running VIN = 0 V, VCC WDT not Running VIN = 0 V, VCC WDT not Running VIN = 0 V, VCC WDT is Running VIN = 0 V, VCC WDT is Running VIN = 0 V, VCC WDT is Running 3 3 3 3 3 3 ILV Standby Current (Low Voltage) 1.2 6 µA Measured at 1.3V 4 VBO VCC Low Voltage Protection 1.9 2.15 V 8MHz maximum Ext. CLK Freq. VLVD VCC Low Voltage Detection 2.4 V |
Similar Part No. - ZGP323H |
|
Similar Description - ZGP323H |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |