Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZGP323H Datasheet(PDF) 20 Page - Zilog, Inc.

Part No. ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZGP323H Datasheet(HTML) 20 Page - Zilog, Inc.

Back Button ZGP323H Datasheet HTML 16Page - Zilog, Inc. ZGP323H Datasheet HTML 17Page - Zilog, Inc. ZGP323H Datasheet HTML 18Page - Zilog, Inc. ZGP323H Datasheet HTML 19Page - Zilog, Inc. ZGP323H Datasheet HTML 20Page - Zilog, Inc. ZGP323H Datasheet HTML 21Page - Zilog, Inc. ZGP323H Datasheet HTML 22Page - Zilog, Inc. ZGP323H Datasheet HTML 23Page - Zilog, Inc. ZGP323H Datasheet HTML 24Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
DC Characteristics
12
IOL
Output Leakage
2.0-5.5
–1
1
µAV
IN = 0V, VCC
ICC
Supply Current
2.0V
3.6V
5.5V
1
5
10
3
10
15
mA
mA
mA
at 8.0 MHz
at 8.0 MHz
at 8.0 MHz
1, 2
1, 2
1, 2
ICC1
Standby Current
(HALT Mode)
2.0V
3.6V
5.5V
0.5
0.8
1.3
1.6
2.0
3.2
mA
mA
mA
VIN = 0V, Clock at 8.0MHz
VIN = 0V, Clock at 8.0MHz
VIN = 0V, Clock at 8.0MHz
1, 2, 6
1, 2, 6
1, 2, 6
ICC2
Standby Current (Stop
Mode)
2.0V
3.6V
5.5V
2.0V
3.6V
5.5V
1.6
1.8
1.9
5
8
15
8
10
12
20
30
45
µA
µA
µA
µA
µA
µA
VIN = 0 V, VCC WDT not Running
VIN = 0 V, VCC WDT not Running
VIN = 0 V, VCC WDT not Running
VIN = 0 V, VCC WDT is Running
VIN = 0 V, VCC WDT is Running
VIN = 0 V, VCC WDT is Running
3
3
3
3
3
3
ILV
Standby Current
(Low Voltage)
1.2
6
µA
Measured at 1.3V
4
VBO
VCC Low Voltage
Protection
1.9
2.0
V
8MHz maximum
Ext. CLK Freq.
VLVD
VCC Low Voltage
Detection
2.4
V
VHVD
Vcc High Voltage
Detection
2.7
V
Notes:
1. All outputs unloaded, inputs at rail.
2. CL1 = CL2 = 100 pF.
3. Oscillator stopped.
4. Oscillator stops when VCC falls below VBO limit.
5. It is strongly recommended to add a filter capacitor (minimum 0.1
µF), physically close to VCC and V
SS pins if operating
voltage fluctuations are anticipated, such as those resulting from driving an Infrared LED.
6. Comparator and Timers are on. Interrupt disabled.
7. Typical values shown are at 25 degrees C.
Table 10. GP323HE DC Characteristics
TA= -40°C to +105°C
Units Conditions
Notes
Symbol
Parameter
VCC
Min
Typ(7)
Max
VCC
Supply Voltage
2.0
5.5
V
See Note 5
5
VCH
Clock Input High
Voltage
2.0-5.5
0.8 VCC
VCC+0.3 V
Driven by External
Clock Generator
VCL
Clock Input Low
Voltage
2.0-5.5
VSS–0.3
0.4
V
Driven by External
Clock Generator
VIH
Input High Voltage
2.0-5.5
0.7 VCC
VCC+0.3 V
VIL
Input Low Voltage
2.0-5.5
VSS–0.3
0.2 VCC V
VOH1
Output High Voltage
2.0-5.5
VCC–0.4
V
IOH = –0.5mA
Table 9. GP323HS DC Characteristics (Continued)
TA=0°C to +70°C
Units Conditions
Notes
Symbol
Parameter
VCC
Min
Typ(7)
Max


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn