Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZGP323H Datasheet(PDF) 19 Page - Zilog, Inc.

Part No. ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZILOG [Zilog, Inc.]
Homepage  http://www.zilog.com
Logo 

ZGP323H Datasheet(HTML) 19 Page - Zilog, Inc.

Zoom Inzoom in Zoom Outzoom out
 19 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
DC Characteristics
11
Capacitance
Table 8 lists the capacitances.
DC Characteristics
Table 8. Capacitance
Parameter
Maximum
Input capacitance
12pF
Output capacitance
12pF
I/O capacitance
12pF
Note: TA = 25° C, VCC = GND = 0 V, f = 1.0 MHz, unmeasured pins returned to GND
Table 9. GP323HS DC Characteristics
TA=0°C to +70°C
Units Conditions
Notes
Symbol
Parameter
VCC
Min
Typ(7)
Max
VCC
Supply Voltage
2.0
5.5
V
See Note 5
5
VCH
Clock Input High
Voltage
2.0-5.5
0.8 VCC
VCC+0.3 V
Driven by External
Clock Generator
VCL
Clock Input Low
Voltage
2.0-5.5
VSS–0.3
0.4
V
Driven by External
Clock Generator
VIH
Input High Voltage
2.0-5.5
0.7 VCC
VCC+0.3 V
VIL
Input Low Voltage
2.0-5.5
VSS–0.3
0.2 VCC V
VOH1
Output High Voltage
2.0-5.5
VCC–0.4
V
IOH = –0.5mA
VOH2
Output High Voltage
(P36, P37, P00, P01)
2.0-5.5
VCC–0.8
V
IOH = –7mA
VOL1
Output Low Voltage
2.0-5.5
0.4
V
IOL = 4.0mA
VOL2
Output Low Voltage
(P00, P01, P36, P37)
2.0-5.5
0.8
V
IOL = 10mA
VOFFSET Comparator Input
Offset Voltage
2.0-5.5
25
mV
VREF
Comparator
Reference
Voltage
2.0-5.5
0
VCC
1.75
V
IIL
Input Leakage
2.0-5.5
–1
1
µAV
IN = 0V, VCC
Pull-ups disabled
RPU
Pull-up Resistance
2.0V
225
675
K
VIN = 0V; Pullups selected by mask
option
3.6V
75
275
K
5.0V
40
160
K


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn