Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZGP323H Datasheet(PDF) 18 Page - Zilog, Inc.

Part No. ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZGP323H Datasheet(HTML) 18 Page - Zilog, Inc.

Back Button ZGP323H Datasheet HTML 14Page - Zilog, Inc. ZGP323H Datasheet HTML 15Page - Zilog, Inc. ZGP323H Datasheet HTML 16Page - Zilog, Inc. ZGP323H Datasheet HTML 17Page - Zilog, Inc. ZGP323H Datasheet HTML 18Page - Zilog, Inc. ZGP323H Datasheet HTML 19Page - Zilog, Inc. ZGP323H Datasheet HTML 20Page - Zilog, Inc. ZGP323H Datasheet HTML 21Page - Zilog, Inc. ZGP323H Datasheet HTML 22Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
Absolute Maximum Ratings
10
Absolute Maximum Ratings
Stresses greater than those listed in Table 8 might cause permanent damage to
the device. This rating is a stress rating only. Functional operation of the device at
any condition above those indicated in the operational sections of these specifica-
tions is not implied. Exposure to absolute maximum rating conditions for an
extended period might affect device reliability.
Standard Test Conditions
The characteristics listed in this product specification apply for standard test con-
ditions as noted. All voltages are referenced to GND. Positive current flows into
the referenced pin (see Figure 7).
Figure 7. Test Load Diagram
Table 7. Absolute Maximum Ratings
Parameter
Minimum Maximum
Units
Notes
Ambient temperature under bias
–40
125
° C
1
Storage temperature
–65
+150
° C
Voltage on any pin with respect to VSS
–0.3
7.0
V
2
Voltage on VDD pin with respect to VSS
–0.3
7.0
V
Maximum current on input and/or inactive output pin
–5
+5
µA
Maximum output current from active output pin
–25
+25
mA
Maximum current into VDD or out of VSS
75
mA
Notes:
1. See Ordering Information.
2. This voltage applies to all pins except the following: VDD, P32, P33 and RESET.
From Output
Under Test
150pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn