Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZGP323H Datasheet(PDF) 15 Page - Zilog, Inc.

Part # ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZGP323H Datasheet(HTML) 15 Page - Zilog, Inc.

Back Button ZGP323H Datasheet HTML 11Page - Zilog, Inc. ZGP323H Datasheet HTML 12Page - Zilog, Inc. ZGP323H Datasheet HTML 13Page - Zilog, Inc. ZGP323H Datasheet HTML 14Page - Zilog, Inc. ZGP323H Datasheet HTML 15Page - Zilog, Inc. ZGP323H Datasheet HTML 16Page - Zilog, Inc. ZGP323H Datasheet HTML 17Page - Zilog, Inc. ZGP323H Datasheet HTML 18Page - Zilog, Inc. ZGP323H Datasheet HTML 19Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
Pin Description
7
Figure 5. 40-Pin PDIP/CDIP* Pin Configuration
*Windowed Cerdip. These units are intended to be used for
engineering code development only. ZiLOG does not
recommend/guarantee this package for production use.
NC
P25
P26
P27
P04
P05
P06
P14
P15
P07
VDD
P16
P17
XTAL2
XTAL1
P31
P32
P33
P34
NC
NC
P24
P23
P22
P21
P20
P03
P13
P12
VSS
P02
P11
P10
P01
P00
Pref1/P30
P36
P37
P35
RESET
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
39
28
27
26
25
24
23
22
21
40-Pin
PDIP
CDIP*
Note:


Similar Part No. - ZGP323H

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZGP32300200ZPR ZILOG-ZGP32300200ZPR Datasheet
643Kb / 11P
   Pentium III/500 MHz processor
ZGP323L ZILOG-ZGP323L Datasheet
1Mb / 105P
   Programmable input glitch filter for pulse reception
More results

Similar Description - ZGP323H

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L82 ZILOG-Z86L82 Datasheet
1Mb / 80P
   Programmable input glitch filter for pulse reception
ZGP323L ZILOG-ZGP323L Datasheet
1Mb / 105P
   Programmable input glitch filter for pulse reception
logo
Sanyo Semicon Device
LV3403M SANYO-LV3403M Datasheet
49Kb / 3P
   3 V Operation Filter for FM Multiplex Broadcasting Reception
logo
IC-Haus GmbH
IC149 ICHAUS-IC149_13 Datasheet
620Kb / 8P
   PROGRAMMABLE ns-PULSE GENERATOR
IC149 ICHAUS-IC149 Datasheet
4Mb / 6P
   PROGRAMMABLE ns-PULSE GENERATOR
logo
B&K Precision Corporati...
4033 BK-4033 Datasheet
326Kb / 3P
   50 MHz Programmable Pulse Generators
logo
Data Delay Devices, Inc...
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
logo
Maxim Integrated Produc...
DS1040 MAXIM-DS1040 Datasheet
150Kb / 6P
   Programmable One-Shot Pulse Generator
111799
logo
Data Delay Devices, Inc...
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
logo
Dallas Semiconductor
DS1040 DALLAS-DS1040 Datasheet
111Kb / 6P
   Programmable One-Shot Pulse Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com