Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZGP323H Datasheet(PDF) 11 Page - Zilog, Inc.

Part No. ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZGP323H Datasheet(HTML) 11 Page - Zilog, Inc.

Back Button ZGP323H Datasheet HTML 7Page - Zilog, Inc. ZGP323H Datasheet HTML 8Page - Zilog, Inc. ZGP323H Datasheet HTML 9Page - Zilog, Inc. ZGP323H Datasheet HTML 10Page - Zilog, Inc. ZGP323H Datasheet HTML 11Page - Zilog, Inc. ZGP323H Datasheet HTML 12Page - Zilog, Inc. ZGP323H Datasheet HTML 13Page - Zilog, Inc. ZGP323H Datasheet HTML 14Page - Zilog, Inc. ZGP323H Datasheet HTML 15Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
General Description
3
Figure 1. Functional Block Diagram
Table 3. Power Connections
Connection
Circuit
Device
Power
VCC
VDD
Ground
GND
VSS
Z8® Core
Port 2
Port 0
P21
P22
P23
P24
P25
P26
P27
P20
I/O Bit
Programmable
P04
P05
P06
P07
P00
P01
P02
P03
I/O Nibble
Programmable
Register File
256 x 8-Bit
Register Bus
Internal
Address Bus
Internal
Data Bus
Expanded
Register
File
Expanded
Register Bus
Z8® Core
Counter/Timer 8
8-Bit
Counter/Timer 16
16-Bit
VDD
VSS
XTAL
RESET
Pref1/P30
P31
P32
P33
P34
P35
P36
P37
Port 3
Machine
Timing &
Instruction
Control
Power
4
4
OTP
Up to 32K x 8
Port 1
P14
P15
P16
P17
P10
P11
P12
P13
I/O Byte
Programmable
8
Watch-Dog
Timer
Low Voltage
Detection
High Voltage
Detection
2 Comparators
Note: Refer to the specific package for available pins.
Power-On
Reset


Similar Part No. - ZGP323H

ManufacturerPart No.DatasheetDescription
Zilog, Inc.
Zilog, Inc.
ZGP32300200ZPR ZILOG-ZGP32300200ZPR Datasheet
643Kb / 11P
   Pentium III/500 MHz processor
ZGP323L ZILOG-ZGP323L Datasheet
1Mb / 105P
   Programmable input glitch filter for pulse reception
More results

Similar Description - ZGP323H

ManufacturerPart No.DatasheetDescription
Zilog, Inc.
Zilog, Inc.
Z86L82 ZILOG-Z86L82 Datasheet
1Mb / 80P
   Programmable input glitch filter for pulse reception
ZGP323L ZILOG-ZGP323L Datasheet
1Mb / 105P
   Programmable input glitch filter for pulse reception
Sanyo Semicon Device
Sanyo Semicon Device
LV3403M SANYO-LV3403M Datasheet
49Kb / 3P
   3 V Operation Filter for FM Multiplex Broadcasting Reception
IC-Haus GmbH
IC-Haus GmbH
IC149 ICHAUS-IC149 Datasheet
4Mb / 6P
   PROGRAMMABLE ns-PULSE GENERATOR
IC149 ICHAUS-IC149_13 Datasheet
620Kb / 8P
   PROGRAMMABLE ns-PULSE GENERATOR
B&K Precision Corporation
B&K Precision Corporati...
4033 BK-4033 Datasheet
326Kb / 3P
   50 MHz Programmable Pulse Generators
Data Delay Devices, Inc.
Data Delay Devices, Inc...
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
Maxim Integrated Products
Maxim Integrated Produc...
DS1040 MAXIM-DS1040 Datasheet
150Kb / 6P
   Programmable One-Shot Pulse Generator
111799
Data Delay Devices, Inc.
Data Delay Devices, Inc...
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
Dallas Semiconductor
Dallas Semiconductor
DS1040 DALLAS-DS1040 Datasheet
111Kb / 6P
   Programmable One-Shot Pulse Generator
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz