Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZGP323H Datasheet(PDF) 104 Page - Zilog, Inc.

Part # ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZGP323H Datasheet(HTML) 104 Page - Zilog, Inc.

Back Button ZGP323H Datasheet HTML 99Page - Zilog, Inc. ZGP323H Datasheet HTML 100Page - Zilog, Inc. ZGP323H Datasheet HTML 101Page - Zilog, Inc. ZGP323H Datasheet HTML 102Page - Zilog, Inc. ZGP323H Datasheet HTML 103Page - Zilog, Inc. ZGP323H Datasheet HTML 104Page - Zilog, Inc. ZGP323H Datasheet HTML 105Page - Zilog, Inc. ZGP323H Datasheet HTML 106Page - Zilog, Inc. ZGP323H Datasheet HTML 107Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 104 / 107 page
background image
ZGP323H
Z8® OTP Microcontroller with IR Timers
PS023803-0305
P r e l i m i n a r y
Index
96
Numerics
16-bit counter/timer circuits 46
20-pin DIP package diagram 82
20-pin SSOP package diagram 84
28-pin DIP package diagram 86
28-pin SOICpackage diagram 85
28-pin SSOP package diagram 87
40-pin DIP package diagram 87
48-pin SSOP package diagram 89
8-bit counter/timer circuits 42
A
absolute maximum ratings 10
AC
characteristics 16
timing diagram 16
address spaces, basic 2
architecture 2
expanded register file 28
B
basic address spaces 2
block diagram, ZLP32300 functional 3
C
capacitance 11
characteristics
AC 16
DC 11
clock 53
comparator inputs/outputs 25
configuration
port 0 19
port 1 20
port 2 21
port 3 22
port 3 counter/timer 24
counter/timer
16-bit circuits 46
8-bit circuits 42
brown-out voltage/standby 64
clock 53
demodulation mode count capture flow-
chart 44
demodulation mode flowchart 45
EPROM selectable options 64
glitch filter circuitry 40
halt instruction 54
input circuit 40
interrupt block diagram 51
interrupt types, sources and vectors 52
oscillator configuration 53
output circuit 49
ping-pong mode 48
port configuration register 55
resets and WDT 63
SCLK circuit 58
stop instruction 54
stop mode recovery register 57
stop mode recovery register 2 61
stop mode recovery source 59
T16 demodulation mode 47
T16 transmit mode 46
T16_OUT in modulo-N mode 47
T16_OUT in single-pass mode 47
T8 demodulation mode 43
T8 transmit mode 40
T8_OUT in modulo-N mode 43
T8_OUT in single-pass mode 43
transmit mode flowchart 41
voltage detection and flags 65
watch-dog timer mode register 62
watch-dog timer time select 63
CTR(D)01h T8 and T16 Common Functions
35
D
DC characteristics 11
demodulation mode
count capture flowchart 44
flowchart 45
T16 47
T8 43
description
functional 25
general 2


Similar Part No. - ZGP323H

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZGP32300200ZPR ZILOG-ZGP32300200ZPR Datasheet
643Kb / 11P
   Pentium III/500 MHz processor
ZGP323L ZILOG-ZGP323L Datasheet
1Mb / 105P
   Programmable input glitch filter for pulse reception
More results

Similar Description - ZGP323H

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L82 ZILOG-Z86L82 Datasheet
1Mb / 80P
   Programmable input glitch filter for pulse reception
ZGP323L ZILOG-ZGP323L Datasheet
1Mb / 105P
   Programmable input glitch filter for pulse reception
logo
Sanyo Semicon Device
LV3403M SANYO-LV3403M Datasheet
49Kb / 3P
   3 V Operation Filter for FM Multiplex Broadcasting Reception
logo
IC-Haus GmbH
IC149 ICHAUS-IC149_13 Datasheet
620Kb / 8P
   PROGRAMMABLE ns-PULSE GENERATOR
IC149 ICHAUS-IC149 Datasheet
4Mb / 6P
   PROGRAMMABLE ns-PULSE GENERATOR
logo
B&K Precision Corporati...
4033 BK-4033 Datasheet
326Kb / 3P
   50 MHz Programmable Pulse Generators
logo
Data Delay Devices, Inc...
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
logo
Maxim Integrated Produc...
DS1040 MAXIM-DS1040 Datasheet
150Kb / 6P
   Programmable One-Shot Pulse Generator
111799
logo
Data Delay Devices, Inc...
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
logo
Dallas Semiconductor
DS1040 DALLAS-DS1040 Datasheet
111Kb / 6P
   Programmable One-Shot Pulse Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com