Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZGP323H Datasheet(PDF) 102 Page - Zilog, Inc.

Part # ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZGP323H Datasheet(HTML) 102 Page - Zilog, Inc.

Back Button ZGP323H Datasheet HTML 98Page - Zilog, Inc. ZGP323H Datasheet HTML 99Page - Zilog, Inc. ZGP323H Datasheet HTML 100Page - Zilog, Inc. ZGP323H Datasheet HTML 101Page - Zilog, Inc. ZGP323H Datasheet HTML 102Page - Zilog, Inc. ZGP323H Datasheet HTML 103Page - Zilog, Inc. ZGP323H Datasheet HTML 104Page - Zilog, Inc. ZGP323H Datasheet HTML 105Page - Zilog, Inc. ZGP323H Datasheet HTML 106Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
Ordering Information
94
For fast results, contact your local ZiLOG sales office for assistance in ordering
the part desired.
Codes
ZG = ZiLOG General Purpose Family
P = OTP
323 = Family Designation
H = High Voltage
T = Temparature
S = Standard 0° to +70°C
E = Extended -40° to +105°C
A = Automotive -40° to +125°C
P = Package Type:
K = CDIP
P = PDIP
H = SSOP
S = SOIC
## = Number of Pins
CC = Memory Size
M = Molding Compound
C =
Standard Plastic Packaging Molding Compound
G =
Green Plastic Molding Compound
E =
Standard Cer Dip flow


Similar Part No. - ZGP323H

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZGP32300200ZPR ZILOG-ZGP32300200ZPR Datasheet
643Kb / 11P
   Pentium III/500 MHz processor
ZGP323L ZILOG-ZGP323L Datasheet
1Mb / 105P
   Programmable input glitch filter for pulse reception
More results

Similar Description - ZGP323H

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L82 ZILOG-Z86L82 Datasheet
1Mb / 80P
   Programmable input glitch filter for pulse reception
ZGP323L ZILOG-ZGP323L Datasheet
1Mb / 105P
   Programmable input glitch filter for pulse reception
logo
Sanyo Semicon Device
LV3403M SANYO-LV3403M Datasheet
49Kb / 3P
   3 V Operation Filter for FM Multiplex Broadcasting Reception
logo
IC-Haus GmbH
IC149 ICHAUS-IC149_13 Datasheet
620Kb / 8P
   PROGRAMMABLE ns-PULSE GENERATOR
IC149 ICHAUS-IC149 Datasheet
4Mb / 6P
   PROGRAMMABLE ns-PULSE GENERATOR
logo
B&K Precision Corporati...
4033 BK-4033 Datasheet
326Kb / 3P
   50 MHz Programmable Pulse Generators
logo
Data Delay Devices, Inc...
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
logo
Maxim Integrated Produc...
DS1040 MAXIM-DS1040 Datasheet
150Kb / 6P
   Programmable One-Shot Pulse Generator
111799
logo
Data Delay Devices, Inc...
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
logo
Dallas Semiconductor
DS1040 DALLAS-DS1040 Datasheet
111Kb / 6P
   Programmable One-Shot Pulse Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com