Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZGP323H Datasheet(PDF) 83 Page - Zilog, Inc.

Part No. ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZILOG [Zilog, Inc.]
Homepage  http://www.zilog.com
Logo 

ZGP323H Datasheet(HTML) 83 Page - Zilog, Inc.

Zoom Inzoom in Zoom Outzoom out
 83 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
Standard Control Registers
75
WDTMR(0F)0FH
Figure 47. Watch-Dog Timer Register ((0F) 0FH: Write Only)
Standard Control Registers
R246 P2M(F6H)
Figure 48. Port 2 Mode Register (F6H: Write Only)
D7
D6
D5
D4
D3
D2
D1
D0
WDT TAP INT RC OSC
00
5 ms min.
01*
10 ms min.
10
20 ms min.
11
80 ms min.
WDT During HALT
0OFF
1ON *
WDT During Stop
0OFF
1ON *
Reserved (Must be 0)
* Default setting after reset. Not reset with a Stop Mode recovery.
D7
D6
D5
D4
D3
D2
D1
D0
P27–P20 I/O Definition
0 Defines bit as OUTPUT
1 Defines bit as INPUT *
* Default setting after reset. Not reset with a Stop Mode recovery.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn