Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ZGP323H Datasheet(PDF) 71 Page - Zilog, Inc.

Part No. ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZILOG [Zilog, Inc.]
Homepage  http://www.zilog.com
Logo 

ZGP323H Datasheet(HTML) 71 Page - Zilog, Inc.

Zoom Inzoom in Zoom Outzoom out
 71 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
Functional Description
63
WDTMR During Halt (D2)
This bit determines whether or not the WDT is active during HALT Mode. A 1 indi-
cates active during HALT. The default is 1. See Figure 38.
Figure 38. Resets and WDT
Table 23. Watch-Dog Timer Time Select
D1
D0
Timeout of Internal RC-Oscillator
00
5ms min.
0
1
10ms min.
1
0
20ms min.
1
1
80ms min.
-
* CLR1 and CLR2 enable the WDT/POR and 18 Clock Reset timers respectively upon a Low-to-
+
From Stop
Mode
Recovery
Stop Delay
Select
5 Clock
*CLR2
18 Clock
RESET
RESE
WDT
POR
5 ms 10 ms 20 ms 80
CL
*CLR
WDT/POR Counter Chain
Internal
RC
Oscillator.
WDT
VDD
Low Operating
VBO
VDD
Interna
l
RESE
T
12-ns Glitch
XTAL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn