Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZGP323H Datasheet(PDF) 70 Page - Zilog, Inc.

Part No. ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZILOG [Zilog, Inc.]
Homepage  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZGP323H Datasheet(HTML) 70 Page - Zilog, Inc.

Back Button ZGP323H Datasheet HTML 66Page - Zilog, Inc. ZGP323H Datasheet HTML 67Page - Zilog, Inc. ZGP323H Datasheet HTML 68Page - Zilog, Inc. ZGP323H Datasheet HTML 69Page - Zilog, Inc. ZGP323H Datasheet HTML 70Page - Zilog, Inc. ZGP323H Datasheet HTML 71Page - Zilog, Inc. ZGP323H Datasheet HTML 72Page - Zilog, Inc. ZGP323H Datasheet HTML 73Page - Zilog, Inc. ZGP323H Datasheet HTML 74Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
Functional Description
62
Watch-Dog Timer Mode Register (WDTMR)
The Watch-Dog Timer (WDT) is a retriggerable one-shot timer that resets the Z8®
CPU if it reaches its terminal count. The WDT must initially be enabled by execut-
ing the WDT instruction. On subsequent executions of the WDT instruction, the
WDT is refreshed. The WDT circuit is driven by an on-board RC-oscillator. The
WDT instruction affects the Zero (Z), Sign (S), and Overflow (V) flags.
The POR clock source the internal RC-oscillator. Bits 0 and 1 of the WDT register
control a tap circuit that determines the minimum timeout period. Bit 2 determines
whether the WDT is active during HALT, and Bit 3 determines WDT activity during
Stop. Bits 4 through 7 are reserved (Figure 37). This register is accessible only
during the first 60 processor cycles (120 XTAL clocks) from the execution of the
first instruction after Power-On-Reset, Watch-Dog Reset, or a Stop-Mode
Recovery (Figure 36). After this point, the register cannot be modified by any
means (intentional or otherwise). The WDTMR cannot be read. The register is
located in Bank F of the Expanded Register Group at address location 0Fh. It is
organized as shown in Figure 37.
WDTMR(0F)0Fh
Figure 37. Watch-Dog Timer Mode Register (Write Only)
WDT Time Select (D0, D1)
This bit selects the WDT time period. It is configured as indicated in Table 23.
D7
D6
D5
D4
D3
D2
D1
D0
WDT TAP INT RC OSC
00
5 ms min.
01*
10 ms min.
10
20 ms min.
11
80 ms min.
WDT During HALT
0OFF
1ON *
WDT During Stop
0OFF
1ON *
Reserved (Must be 0)
* Default setting after reset


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn