Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZGP323H Datasheet(PDF) 65 Page - Zilog, Inc.

Part No. ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZILOG [Zilog, Inc.]
Homepage  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZGP323H Datasheet(HTML) 65 Page - Zilog, Inc.

Back Button ZGP323H Datasheet HTML 61Page - Zilog, Inc. ZGP323H Datasheet HTML 62Page - Zilog, Inc. ZGP323H Datasheet HTML 63Page - Zilog, Inc. ZGP323H Datasheet HTML 64Page - Zilog, Inc. ZGP323H Datasheet HTML 65Page - Zilog, Inc. ZGP323H Datasheet HTML 66Page - Zilog, Inc. ZGP323H Datasheet HTML 67Page - Zilog, Inc. ZGP323H Datasheet HTML 68Page - Zilog, Inc. ZGP323H Datasheet HTML 69Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
Functional Description
57
SMR(0F)0BH
Figure 33. STOP Mode Recovery Register
SCLK/TCLK Divide-by-16 Select (D0)
D0 of the SMR controls a divide-by-16 prescaler of SCLK/TCLK (Figure 34). This
control selectively reduces device power consumption during normal processor
execution (SCLK control) and/or Halt Mode (where TCLK sources interrupt logic).
After Stop Mode Recovery, this bit is set to a 0.
D7
D6
D5
D4
D3
D2
D1
D0
SCLK/TCLK Divide-by-16
0 OFF * *
1 ON
Reserved (Must be 0)
Stop-Mode Recovery Source
000 POR Only *
001 Reserved
010 P31
011 P32
100 P33
101 P27
110 P2 NOR 0-3
111 P2 NOR 0-7
Stop Delay
0 OFF
1 ON * * * *
Stop Recovery Level * * *
0 Low *
1 High
Stop Flag
0 POR *
1 Stop Recovery * *
* Default after Power On Reset or Watch-Dog Reset
* * Default setting after Reset and Stop Mode Recovery
* * * At the XOR gate input
* * * * Default setting after reset. Must be 1 if using a crystal or resonator clock source.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn