Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76201DBVRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76201DBVRG4
Description  LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76201DBVRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS76201DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS76201DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS76201DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS76201DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS76201DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS76201DBVRG4 Datasheet HTML 9Page - Texas Instruments TPS76201DBVRG4 Datasheet HTML 10Page - Texas Instruments TPS76201DBVRG4 Datasheet HTML 11Page - Texas Instruments TPS76201DBVRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TPS76201
LOW OUTPUT ADJUSTABLE
ULTRALOW POWER 100mA LDO LINEAR REGULATOR
SLVS323B − FEBRUARY 2001 − REVISED JANUARY 2007
8
APPLICATION INFORMATION
output voltage programming
The output voltage of the TPS76201 adjustable regulator is programmed using an external resistor divider as
shown in Figure 18. The output voltage is calculated using:
V
O +
V
ref
1
) R1
R2
(1)
Where:
Vref = 0.6663 V typ (the internal reference voltage)
Resistors R1 and R2 should be chosen for approximately 10-
µA divider current. Lower value resistors can be
used but offer no inherent advantage and waste more power. Higher values should be avoided as leakage
currents at FB increase the output voltage error. The recommended design procedure is to choose
R2 = 66.5 k
Ω to set the divider current at 10 µA and then calculate R1 using:
R1
+
V
O
V
ref
* 1
R2
(2)
VO
VI
OUT
FB
R2
GND
EN
IN
0.9 V
1.7 V
TPS76201
1
µF
OUTPUT
VOLTAGE
(V)
R1
R2
0.7
0.9
1.2
1.5
1.8
2.5
3.3
3.6
4
5
3.36
23.2
53.6
83.5
113
182
246
294
332
432
66.5
66.5
66.5
66.5
66.5
66.5
66.5
66.5
66.5
66.5
OUTPUT VOLTAGE
PROGRAMMING GUIDE
DIVIDER RESISTANCE
(k
Ω)‡
‡ 1% values shown.
3
1
4
2
R1
5
ESR = 0.5
4.7
µF
Figure 18. TPS76201 Adjustable LDO Regulator Programming
www.ti.com


Similar Part No. - TPS76201DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76201DBVRG4 TI1-TPS76201DBVRG4 Datasheet
580Kb / 16P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
More results

Similar Description - TPS76201DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201DBVTG4 TI1-TPS76201DBVTG4 Datasheet
580Kb / 16P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
TPS76901-HT TI-TPS76901-HT_15 Datasheet
879Kb / 22P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATOR
TPS76201-Q1 TI-TPS76201-Q1_15 Datasheet
387Kb / 18P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com