Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62054DGS Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62054DGS
Description  800-mA Synchronous Step-Down Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62054DGS Datasheet(HTML) 5 Page - Texas Instruments

  TPS62054DGS Datasheet HTML 1Page - Texas Instruments TPS62054DGS Datasheet HTML 2Page - Texas Instruments TPS62054DGS Datasheet HTML 3Page - Texas Instruments TPS62054DGS Datasheet HTML 4Page - Texas Instruments TPS62054DGS Datasheet HTML 5Page - Texas Instruments TPS62054DGS Datasheet HTML 6Page - Texas Instruments TPS62054DGS Datasheet HTML 7Page - Texas Instruments TPS62054DGS Datasheet HTML 8Page - Texas Instruments TPS62054DGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TPS62050, TPS62051, TPS62052, TPS62054, TPS62056
www.ti.com
SLVS432F – SEPTEMBER 2002 – REVISED JUNE 2015
8.5 Electrical Characteristics
VI = 7.2 V, VO = 3.3 V, IO = 300 mA, EN = VI, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VI
Input voltage
2.7
10
V
I(Q)
Operating quiescent current
IO = 0 mA, SYNC = GND, VI = 7.2 V
12
20
µA
EN = GND
1.5
5
I(SD)
Shutdown current
µA
EN = GND, TA = 25°C
1.5
3
Quiescent current with enhanced LBI comparator
IQ(LBI)
EN = VI, LBI = GND, TPS62051 only
5
µA
version.
ENABLE
VIH
EN high level input voltage
1.3
V
VIL
EN low level input voltage
0.3
V
EN trip point hysteresis
100
mV
Ilkg
EN input leakage current
EN = GND or VIN, VI = 7.2 V
0.01
0.2
µA
I(EN)
EN input current
0.6 V
≤ V(EN) ≤ 4 V
2
µA
V(UVLO)
Undervoltage lockout threshold
1.6
V
POWER SWITCH
VI ≥ 5.4 V; IO = 300 mA
400
650
RDS(ON)
P-channel MOSFET ON-resistance
m
VI = 2.7 V; IO = 300 mA
600
850
P-channel MOSFET leakage current
VDS = 10 V
1
µA
P-channel MOSFET current limit
VI = 7.2V, VO = 3.3 V
1000
1200
1400
mA
VI ≥ 5.4 V; IO = 300 mA
300
450
RDS(ON)
N-channel MOSFET ON-resistance
m
VI = 2.7 V; IO = 300 mA
450
550
N-channel MOSFET leakage current
VDS = 6 V
1
µA
POWER GOOD OUTPUT, LBI, LBO
V(PG)
Power good trip voltage
Vml –2%
V
VO ramping positive
50
Power good delay time
µs
VO ramping negative
200
VOL
PG, LBO output low voltage
V(FB) = 0.8 × VO nominal, I(sink) = 1 mA
0.3
V
PG, LBO output leakage current
V(FB) = VO nominal, V(LBI) = VI
0.01
0.25
µA
Minimum supply voltage for valid power good, LBO
2.3
V
signal
V(LBI)
Low-battery input trip voltage
Input voltage falling
1.21
V
Low-battery input trip point accuracy
1.5%
V(LBI,HYS)
Low-battery input hysteresis
15
mV
Ilkg(LBI)
LBI leakage current
0.01
0.1
µA
OSCILLATOR
fS
Oscillator frequency
600
850
1000
kHz
f(SYNC)
Synchronization range
600
1200
kHz
VIH
SYNC high-level input voltage
1.5
V
VIL
SYNC low-level input voltage
0.3
V
Ilkg
SYNC input leakage current
SYNC = GND or VIN
0.01
0.1
µA
SYNC trip point hysteresis
100
mV
Duty cycle of external clock signal
20%
90%
OUTPUT
VO
Adjustable output voltage
TPS62050, TPS62051
0.7
6
V
V(FB)
Feedback voltage
TPS62050, TPS62051
0.5
V
FB leakage current
TPS62050, TPS62051
0.02
0.1
µA
Feedback voltage tolerance
TPS62050, TPS62051 VI = 2.7 V to 10 V, 0 mA < IO < 600 mA
–3%
3%
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS62050 TPS62051 TPS62052 TPS62054 TPS62056


Similar Part No. - TPS62054DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62054DGS TI-TPS62054DGS Datasheet
432Kb / 21P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62054DGS TI1-TPS62054DGS Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62054DGSG4 TI1-TPS62054DGSG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62054DGSR TI1-TPS62054DGSR Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62054DGSRG4 TI1-TPS62054DGSRG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
More results

Similar Description - TPS62054DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050 TI-TPS62050 Datasheet
432Kb / 21P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSR TI1-TPS62050DGSR Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSRG4 TI1-TPS62050DGSRG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050 TI-TPS62050_15 Datasheet
999Kb / 30P
[Old version datasheet]   TPS6205x 800-mA Synchronous Step-Down Converter
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com