Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62052DGSR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62052DGSR
Description  800-mA Synchronous Step-Down Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62052DGSR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS62052DGSR Datasheet HTML 10Page - Texas Instruments TPS62052DGSR Datasheet HTML 11Page - Texas Instruments TPS62052DGSR Datasheet HTML 12Page - Texas Instruments TPS62052DGSR Datasheet HTML 13Page - Texas Instruments TPS62052DGSR Datasheet HTML 14Page - Texas Instruments TPS62052DGSR Datasheet HTML 15Page - Texas Instruments TPS62052DGSR Datasheet HTML 16Page - Texas Instruments TPS62052DGSR Datasheet HTML 17Page - Texas Instruments TPS62052DGSR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
I
RMS +
I
O
(max)
V
O
V
I
1 *
V
O
V
I
DVO + VO
1 *
V
O
V
I
L
f
1
8
Co
f )
R
ESR
I
RMS(Co) +
V
O
1–
V
O
V
I
L
f
1
2
3
TPS62050, TPS62051, TPS62052, TPS62054, TPS62056
SLVS432F – SEPTEMBER 2002 – REVISED JUNE 2015
www.ti.com
Table 3. Inductors (continued)
MANUFACTURER
TYPE
INDUCTANCE
DC RESISTANCE
SATURATION CURRENT
CDR74B
10 µH
70 m
1.65 A
CDR74B
22 µH
130 m
1.12 A
CDH74
10 µH
49 m
1.8 A
CDH74
22 µH
110 m
1.23 A
Sumida
CDR63B
10 µH
140 m
1 A
CDRH4D28
10 µH
128 m
1 A
CDRH5D28
10 µH
48 m
1.3 A
CDRH5D18
10 µH
92 m
1.2 A
DT3316P-153
15 µH
60 m
1.8 A
Coilcraft
DT3316P-223
22 µH
84 m
1.5 A
WE-PD 744 778 10
10 µH
72 m
1.68 A
WE-PD 744 777 10
10 µH
49 m
1.84 A
Wuerth
WE-PD 744 778 122
22 µH
190 m
1.07A
WE-PD 744 777 122
22 µH
110 m
1.23 A
10.2.1.2.2
Output Capacitor Selection
The output capacitor must have a minimum value of 22 µF. For best performance, a low ESR ceramic output
capacitor is needed.
For completeness, use Equation 4 to calculate the RMS ripple current.
(4)
The overall output ripple voltage is the sum of the voltage spike caused by the output capacitor ESR plus the
voltage ripple caused by charge and discharging the output capacitor, as shown in Equation 5.
(5)
The highest output voltage ripple occurs at the highest input voltage VI.
10.2.1.2.3
Input Capacitor Selection
Because the buck converter has a pulsating input current, a low ESR input capacitor is required for best input
voltage filtering and minimizing the interference with other circuits caused by high input voltage spikes. The input
capacitor must have a minimum value of 10 µF and can be increased without any limit for better input voltage
filtering. The input capacitor must be rated for the maximum input ripple current calculated as:
(6)
The worst-case RMS ripple current occurs at D = 0.5 and is calculated as: IRMS = IO/2. Ceramic capacitors have a
good performance because of their low ESR value and they are less sensitive to voltage transients compared to
tantalum capacitors. Place the input capacitor as close as possible to the input pin of the IC for best
performance.
14
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS62050 TPS62051 TPS62052 TPS62054 TPS62056


Similar Part No. - TPS62052DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62052DGSR TI1-TPS62052DGSR Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62052DGSRG4 TI1-TPS62052DGSRG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
More results

Similar Description - TPS62052DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050 TI-TPS62050 Datasheet
432Kb / 21P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSR TI1-TPS62050DGSR Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSRG4 TI1-TPS62050DGSRG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050 TI-TPS62050_15 Datasheet
999Kb / 30P
[Old version datasheet]   TPS6205x 800-mA Synchronous Step-Down Converter
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com