Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61182RTET Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61182RTET
Description  WLED DRIVER FOR NOTEBOOK DISPLAY
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61182RTET Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61182RTET Datasheet HTML 2Page - Texas Instruments TPS61182RTET Datasheet HTML 3Page - Texas Instruments TPS61182RTET Datasheet HTML 4Page - Texas Instruments TPS61182RTET Datasheet HTML 5Page - Texas Instruments TPS61182RTET Datasheet HTML 6Page - Texas Instruments TPS61182RTET Datasheet HTML 7Page - Texas Instruments TPS61182RTET Datasheet HTML 8Page - Texas Instruments TPS61182RTET Datasheet HTML 9Page - Texas Instruments TPS61182RTET Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TPS61180/1/2
SLVS801E – DECEMBER 2007 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VBAT = 10.8 V, 0.1 μF at Cin, EN = Logic High, IFB current = 15m A, IFB voltage = 500 mV, TA = –40°C to 85°C, typical
values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vstart_r
Isolation FET start up threshold
VIN–VO, VO ramp up
1.2
2
V
ILN_NFET
PWM FET leakage current
VSW = 35 V, TA = 25°C
1
μA
OSCILLATOR
TPS61182
1.2
1.3
1.5
fS
Oscillator frequency
MHz
TPS61180/1
0.9
1.0
1.2
Dmax
Maximum duty cycle
IFB = 0 V
85
94
%
TPS61182
8
Dmin
Minimum duty cycle
%
TPS61180/1
7
OS, SC, OVP AND SS
ILIM
N-Channel MOSFET current limit
D = Dmax
1.5
3
A
Vovp
VO overvoltage threshold
Measured on the VO pin
38
39
40
V
Vovp_IFB
IFB overvoltage threshold
Measured on the IFBx pin
15
17
20
V
Vsc
Short circuit detection threshold
VIN-VO, VO ramp down
1.7
2.5
V
Vsc_dly
Short circuit detection delay during start up
32
ms
VIFB_nouse
IFB no use detection threshold
TPS61180 Only
0.6
V
Fault OUTPUT
Vfault_high
Fault high voltage
Measured as Vbat–VFault
0.1
V
Vfault_low
Fault low voltage
Measured as Vbat–VFault, sink 0.1mA, Vin
6
8
10
V
= 15 V
THERMAL SHUTDOWN
Tshutdown
Thermal shutdown threshold
160
°C
Thysteresis
Thermal shutdown threshold hysteresis
15
°C
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: TPS61180/1/2


Similar Part No. - TPS61182RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61182RTET TI-TPS61182RTET Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61182RTETG4 TI-TPS61182RTETG4 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
More results

Similar Description - TPS61182RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61180 TI-TPS61180 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61181A TI1-TPS61181A Datasheet
720Kb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
MARCH2011
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
logo
Global Mixed-mode Techn...
G5967 GMT-G5967 Datasheet
90Kb / 1P
   Boost WLED Driver for Backlights
G5966 GMT-G5966 Datasheet
85Kb / 1P
   Boost WLED Driver for Backlights
G5966L GMT-G5966L Datasheet
77Kb / 1P
   Boost WLED Driver for Backlights
logo
Texas Instruments
TPS61197 TI-TPS61197 Datasheet
1,007Kb / 22P
[Old version datasheet]   Single-String WLED Driver for LCD TV
logo
Sanyo Semicon Device
SS30 SANYO-SS30 Datasheet
197Kb / 7P
   For Notebook PC Fan Motor Driver
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
   For Notebook PC Fan Motor Driver
logo
ON Semiconductor
NCP5359 ONSEMI-NCP5359 Datasheet
152Kb / 9P
   Gate Driver for Notebook Power Systems
February, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com