Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS60211DGSG4 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS60211DGSG4
Description  SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60211DGSG4 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS60211DGSG4 Datasheet HTML 14Page - Texas Instruments TPS60211DGSG4 Datasheet HTML 15Page - Texas Instruments TPS60211DGSG4 Datasheet HTML 16Page - Texas Instruments TPS60211DGSG4 Datasheet HTML 17Page - Texas Instruments TPS60211DGSG4 Datasheet HTML 18Page - Texas Instruments TPS60211DGSG4 Datasheet HTML 19Page - Texas Instruments TPS60211DGSG4 Datasheet HTML 20Page - Texas Instruments TPS60211DGSG4 Datasheet HTML 21Page - Texas Instruments TPS60211DGSG4 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
TPS60210, TPS60211, TPS60212, TPS60213
REGULATED 3.3 V, LOW RIPPLE CHARGE PUMP
WITH ULTRALOW OPERATING CURRENT
SLVS296 − JUNE 2000
18
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
layout and board space (continued)
Figure 24. Recommended Component Placement and Board Layout
17,9 mm
10,2 mm
C1
C2
R2
C5
R3
R4
IC1
Table 5. Component Identification
IC1
TPS60210
C1, C2
Flying capacitors
C3
Input capacitor
C4
Output capacitor
C5
Stabilization capacitor for LBI
R1, R2
Resistive divider for LBI
R3
Pullup resistor for LBO
R4
Pullup resistor for EN
Capacitor C5 should be included if large line transients are expected. This capacitor suppresses toggling of the
LBO due to these line changes.


Similar Part No. - TPS60211DGSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60211DGSG4 TI1-TPS60211DGSG4 Datasheet
994Kb / 26P
[Old version datasheet]   REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
More results

Similar Description - TPS60211DGSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60310 TI-TPS60310_15 Datasheet
513Kb / 24P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60310 TI-TPS60310 Datasheet
334Kb / 20P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60300 TI-TPS60300 Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60300 TI-TPS60300_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60300 TI1-TPS60300_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60150 TI-TPS60150_15 Datasheet
2Mb / 25P
[Old version datasheet]   TPS60150 5-V, 140-mA Charge-Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com