Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86L82 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z86L82
Description  Programmable input glitch filter for pulse reception
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L82 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z86L82 Datasheet HTML 17Page - Zilog, Inc. Z86L82 Datasheet HTML 18Page - Zilog, Inc. Z86L82 Datasheet HTML 19Page - Zilog, Inc. Z86L82 Datasheet HTML 20Page - Zilog, Inc. Z86L82 Datasheet HTML 21Page - Zilog, Inc. Z86L82 Datasheet HTML 22Page - Zilog, Inc. Z86L82 Datasheet HTML 23Page - Zilog, Inc. Z86L82 Datasheet HTML 24Page - Zilog, Inc. Z86L82 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
Z86L82/85/88
28-Pin Low-Voltage IR Microcontrollers
PS009007-1202
14
Figure 6. Port 0 Configuration
Port 0 (I/O)
Z86L8X
MCU
Open-Drain
I/O
Mask
Option
VCC
Resistive
Pad
Out
In
In
0.4 VCC
Trip Point Buffer
*Mask Selectable
4
4
transistor
pull-up


Similar Part No. - Z86L82

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
Z86L82 MAXIM-Z86L82 Datasheet
443Kb / 78P
   28-Pin Low-Voltage IR Microcontrollers
Rev 0; 4/09
Z86L8208PSC MAXIM-Z86L8208PSC Datasheet
443Kb / 78P
   28-Pin Low-Voltage IR Microcontrollers
Rev 0; 4/09
Z86L8208SSC MAXIM-Z86L8208SSC Datasheet
443Kb / 78P
   28-Pin Low-Voltage IR Microcontrollers
Rev 0; 4/09
logo
Zilog, Inc.
Z86L825 ZILOG-Z86L825 Datasheet
875Kb / 79P
   20-Pin Low-Voltage IR Microcontrollers
Z86L825HZ008SC ZILOG-Z86L825HZ008SC Datasheet
875Kb / 79P
   20-Pin Low-Voltage IR Microcontrollers
More results

Similar Description - Z86L82

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZGP323H ZILOG-ZGP323H Datasheet
1Mb / 107P
   Programmable input glitch filter for pulse reception
ZGP323L ZILOG-ZGP323L Datasheet
1Mb / 105P
   Programmable input glitch filter for pulse reception
logo
Sanyo Semicon Device
LV3403M SANYO-LV3403M Datasheet
49Kb / 3P
   3 V Operation Filter for FM Multiplex Broadcasting Reception
logo
IC-Haus GmbH
IC149 ICHAUS-IC149_13 Datasheet
620Kb / 8P
   PROGRAMMABLE ns-PULSE GENERATOR
IC149 ICHAUS-IC149 Datasheet
4Mb / 6P
   PROGRAMMABLE ns-PULSE GENERATOR
logo
B&K Precision Corporati...
4033 BK-4033 Datasheet
326Kb / 3P
   50 MHz Programmable Pulse Generators
logo
Data Delay Devices, Inc...
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
logo
Maxim Integrated Produc...
DS1040 MAXIM-DS1040 Datasheet
150Kb / 6P
   Programmable One-Shot Pulse Generator
111799
logo
Data Delay Devices, Inc...
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
logo
Dallas Semiconductor
DS1040 DALLAS-DS1040 Datasheet
111Kb / 6P
   Programmable One-Shot Pulse Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com