Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

21-0907-01 Datasheet(PDF) 19 Page - Zilog, Inc.

Part # 21-0907-01
Description  Real-time clock support
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

21-0907-01 Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button 21-0907-01 Datasheet HTML 14Page - Zilog, Inc. 21-0907-01 Datasheet HTML 15Page - Zilog, Inc. 21-0907-01 Datasheet HTML 16Page - Zilog, Inc. 21-0907-01 Datasheet HTML 17Page - Zilog, Inc. 21-0907-01 Datasheet HTML 18Page - Zilog, Inc. 21-0907-01 Datasheet HTML 19Page - Zilog, Inc. 21-0907-01 Datasheet HTML 20Page - Zilog, Inc. 21-0907-01 Datasheet HTML 21Page - Zilog, Inc. 21-0907-01 Datasheet HTML 22Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
PS023603-0907
P R E L I M I N A R Y
Onboard Component Description
eZ80F91 Mini Enet Module
Product Specification
15
Table 5. Bill of Materials for the eZ80F91 Mini Enet Module (Continued)
ITEM
PART NUMBER
DESCRIPTION
QTY
LOCATION
30
23-0000-05
XTAL,5.0000MHZ,SER/RESN,HC49US
1
Y2
CITIZEN HC49US5.000MABJ
31
23-0006-00
XTAL,32.768KHZ,SER/RESN,TF CASE
1
Y3
FOX NC38-32.768KHZ OR ECS ECS-3X8
32
21-8010-56
CONN,56-CKT,.8mm,HDR/PIN
2
J1,J2
SAMTEC FTE-128-01-G-DV-A
33
21-0055-01
CONN,HDR/PIN,.025SQ,SNGL ROW
0.1
JP1
HARWIN M-20-977-3622
34
21-0907-01
CONN,RJ45,FASTJACK,10/100BASE-T
1
P1
HALO ELECTRONICS HFJ11-2450E-L11
35
21-0192-00
SHUNT,2-POS,.1 CNTR,LOW PRFL
1
JP1
AMP 382811-5


Similar Part No. - 21-0907-01

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
21-0907-01 ZILOG-21-0907-01 Datasheet
1Mb / 30P
   Factory-default operating clock frequency at 50 MHz
More results

Similar Description - 21-0907-01

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SH3001 SEMTECH-SH3001 Datasheet
486Kb / 20P
   Real-Time Clock and Clock Management Support IC for Microcontrollers
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
   Real Time Clock
logo
Dallas Semiconductor
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
   Real time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com