Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61180RTERG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61180RTERG4
Description  WLED DRIVER FOR NOTEBOOK DISPLAY
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61180RTERG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS61180RTERG4 Datasheet HTML 1Page - Texas Instruments TPS61180RTERG4 Datasheet HTML 2Page - Texas Instruments TPS61180RTERG4 Datasheet HTML 3Page - Texas Instruments TPS61180RTERG4 Datasheet HTML 4Page - Texas Instruments TPS61180RTERG4 Datasheet HTML 5Page - Texas Instruments TPS61180RTERG4 Datasheet HTML 6Page - Texas Instruments TPS61180RTERG4 Datasheet HTML 7Page - Texas Instruments TPS61180RTERG4 Datasheet HTML 8Page - Texas Instruments TPS61180RTERG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
DCTRL
IFB3
SW
V
O
5
9
PGND
13
1
GND
IFB4
2
3
4
6
7
8
10
11
12
14
15
16
QFNPACKAGE
16Pin3x3
(TOP VIEW)
V
BAT
TPS61180/1/2
www.ti.com
SLVS801E – DECEMBER 2007 – REVISED APRIL 2013
PINOUT
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NO.
NAME
1
PGND
I
Power ground of the IC. Internally, it connects to the source of the PWM switch.
2
SW
I
This pin connects to the drain of the internal PWM switch, external Schottky diode and inductor.
3
VBAT
I
This pin is connected to the battery supply. It provides the pull-up voltage for the Fault pin and battery
voltage signal. For TPS61181/2, this is also the input to the internal LDO.
4
VO
O
This pin monitors the output of the boost regulator. Connect this pin to the anode of the WLED strings.
5
ISET
I
The resistor on this pin programs the WLED output current.
6
Cin
I
Supply voltage of the IC. For TPS61181/2, it is the output of the internal LDO. Connect 0.1
μF bypass
capacitor to this pin. For TPS61180, connect an external 3.3 V supply to power the IC.
7, 8, 9
IFB1-IFB3
I
Current sink regulation inputs. They are connected to the cathode of WLEDs. The PWM loop regulates
12, 13, 14
IFB4-IFB6
the lowest VIFB to 400 mV. Each channel is limited to 25 mA current.
10
GND
I
Signal ground of the IC.
11
DCTRL
I
Dimming control logic input. The dimming frequency range is 100 Hz to 1 kHz.
15
EN
I
The enable pin to the IC. For TPS61181/2, a logic high signal turns on the internal LDO and enables the
IC. Therefore, do not connect the EN pin to the Cin pin.
16
Fault
I
Gate driver output for an external PFET used for fault protection. It can also be used as signal output for
system fault report.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS61180/1/2


Similar Part No. - TPS61180RTERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61180RTERG4 TI-TPS61180RTERG4 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
More results

Similar Description - TPS61180RTERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61180 TI-TPS61180 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61181A TI1-TPS61181A Datasheet
720Kb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
MARCH2011
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
logo
Global Mixed-mode Techn...
G5967 GMT-G5967 Datasheet
90Kb / 1P
   Boost WLED Driver for Backlights
G5966 GMT-G5966 Datasheet
85Kb / 1P
   Boost WLED Driver for Backlights
G5966L GMT-G5966L Datasheet
77Kb / 1P
   Boost WLED Driver for Backlights
logo
Texas Instruments
TPS61197 TI-TPS61197 Datasheet
1,007Kb / 22P
[Old version datasheet]   Single-String WLED Driver for LCD TV
logo
Sanyo Semicon Device
SS30 SANYO-SS30 Datasheet
197Kb / 7P
   For Notebook PC Fan Motor Driver
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
   For Notebook PC Fan Motor Driver
logo
ON Semiconductor
NCP5359 ONSEMI-NCP5359 Datasheet
152Kb / 9P
   Gate Driver for Notebook Power Systems
February, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com