Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

46-3001-27 Datasheet(PDF) 20 Page - Zilog, Inc.

Part # 46-3001-27
Description  Real-time clock support
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

46-3001-27 Datasheet(HTML) 20 Page - Zilog, Inc.

Back Button 46-3001-27 Datasheet HTML 14Page - Zilog, Inc. 46-3001-27 Datasheet HTML 15Page - Zilog, Inc. 46-3001-27 Datasheet HTML 16Page - Zilog, Inc. 46-3001-27 Datasheet HTML 17Page - Zilog, Inc. 46-3001-27 Datasheet HTML 18Page - Zilog, Inc. 46-3001-27 Datasheet HTML 19Page - Zilog, Inc. 46-3001-27 Datasheet HTML 20Page - Zilog, Inc. 46-3001-27 Datasheet HTML 21Page - Zilog, Inc. 46-3001-27 Datasheet HTML 22Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
PS023603-0907
PRELIMINARY
Schematics
eZ80F91 Mini Enet Module
Product Specification
16
Schematics
Figures 5 and 6 describe the layout of the eZ80F91 Mini Enet Module. Ethernet circuiting devices are not loaded on the
eZ80F91 Mini Enet Module. However, these devices appear in the following schematics for reference purposes.
Figure 5. eZ80F91 Mini Enet Module Schematic Diagram, #1 of 2—Connectors and Miscellaneous
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
connector 2
connector 1
=
(MMA 0204)
-F91_WE
CONNECTORS
96C0942-001
B
eZ80F91 Ethernet Mini Module.
ZiLOG, Inc.
532 Race Street. San Jose,CA 95126. 408.558.8500
B
12
Wednesda y , A p ril 07, 2004
Title
Size
Document Number
Rev
Date:
S h e e t
of
-RD
D[0..7]
A[0..23]
-WR
-RST
-NMI
-CS[0..3]
PB[0..7]
IICSDA
PC[0..7]
TCK
IICSCL
PD[0..7]
IICSDA
IICSCL
-DIS_IRDA
IR_SD
PD2
IRDA_SD
PD0
IRDA_SD
PD1
-F91_WP
PA[0..7]
TDI
-WAIT
A6
D7
-RD
A5
A12
A11
A13
D0
A15
A8
A7
-CS1
A16
A4
-WR
D1
D5
A9
A10
D4
D2
D3
D6
A14
TRIGOUT
TMS
TDO
-TRSTN
RTC_VDD
eZ80CLK
-HALT_SLP
GND
GND
A1
A3
A0
A2
D4
A21
-HALT_SLP
-CS0
A20
VCC_33V
PC7
PA4
IICSDA
TCK
PC6
PC5
PB4
GND
GND
-RST
TMS
PD6
-TRSTN
PB1
-NMI
PC1
GND
PA1
PD4
TDI
PA2
PB7
PA7
TRIGOUT
VCC_33V
-DIS_IRDA
GND
PA6
PD7
PD5
-WAIT
PD0
PB0
PC0
PB6
PA0
GND
IICSCL
GND
PC3
PA5
PC4
PB3
PC2
PD1
PB2
PA3
PD2
VCC_33V
EZ80CLK
VCC_33V
GND
A14
A2
VCC_33V
VCC_33V
GND
A6
GND
A5
A8
A17
D7
GND
GND
A13
A3
VCC_33V
D5
-CS2
A4
D1
GND
D0
-WR
D3
VCC_33V
-F91_WE
VCC_33V
A19
GND
VCC_SRAM
VCC_SRAM
RTC_VDD
A22
A0
GND
-F91_WE
VCC_SRAM
A10
-CS3
D2
A11
VCC_33V
GND
A18
A7
GND
A9
GND
A1
A15
A16
A23
A12
TDO
-RD
D6
GND
GND
GND
PB5
PD3
A[0:23]
D[0:7]
-CS[0:3]
IICSDA
IICSCL
PA[0:7]
-RST
-RD
-WR
PB[0:7]
PD [ 0:7 ]
PC [ 0:7 ]
-WAIT
-NMI
TDI
TCK
-F91_WP
VCC_33V
GND
TRIGOUT
TMS
TDO
-TRSTN
RTC_VDD
eZ80CLK
-HALT_SLP
GND
VCC_33V
VCC_33v
VCC_33V
VCC_33V
J1
HEADER 28x2
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
51
53
55
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
52
54
56
R4
68R
R1
10K
R7
10K
U1A
SN74LVC2G04
1
7
C1
330nF
R11
10K
U4
SN74AHC1G32
1
2
4
J2
HEADER 28x2
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
51
53
55
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
52
54
56
U1C
SN74LVC2G04
6
2
JP1
HEADER 2
R5
2R7
R3
4.7K
C3
0.1uF
C2
0.001uF
R6
2.2K
R8
10K
U1B
SN74LVC2G04
3
5
R9
10K
R2
4.7K
U3
IDT71V124S/SO
5
19
28
20
18
17
29
12
31
9
1
2
3
4
13
14
15
16
21
30
32
6
7
10
11
22
23
26
27
25
8
24
CS
A10
OE
A11
A9
A8
A13
WE
A15
GND
A0
A1
A2
A3
A4
A5
A6
A7
A12
A14
A16
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
GND
VCC
VCC
U2
ZHX1810
2
4
3
1
5
6
TXD
SD
RXD
LEDA
VCC
GND


Similar Part No. - 46-3001-27

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
46-3001-03 ZILOG-46-3001-03 Datasheet
1Mb / 30P
   Factory-default operating clock frequency at 50 MHz
46-3001-34 ZILOG-46-3001-34 Datasheet
1Mb / 30P
   Factory-default operating clock frequency at 50 MHz
46-3001-75 ZILOG-46-3001-75 Datasheet
1Mb / 30P
   Factory-default operating clock frequency at 50 MHz
More results

Similar Description - 46-3001-27

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SH3001 SEMTECH-SH3001 Datasheet
486Kb / 20P
   Real-Time Clock and Clock Management Support IC for Microcontrollers
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
   Real Time Clock
logo
Dallas Semiconductor
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
   Real time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com