Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

46-3000-71 Datasheet(PDF) 26 Page - Zilog, Inc.

Part # 46-3000-71
Description  Factory-default operating clock frequency at 50 MHz
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

46-3000-71 Datasheet(HTML) 26 Page - Zilog, Inc.

Back Button 46-3000-71 Datasheet HTML 22Page - Zilog, Inc. 46-3000-71 Datasheet HTML 23Page - Zilog, Inc. 46-3000-71 Datasheet HTML 24Page - Zilog, Inc. 46-3000-71 Datasheet HTML 25Page - Zilog, Inc. 46-3000-71 Datasheet HTML 26Page - Zilog, Inc. 46-3000-71 Datasheet HTML 27Page - Zilog, Inc. 46-3000-71 Datasheet HTML 28Page - Zilog, Inc. 46-3000-71 Datasheet HTML 29Page - Zilog, Inc. 46-3000-71 Datasheet HTML 30Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
PS026102-1207
Onboard Component Description
Zdots® SBC for eZ80AcclaimPlus!Connectivity ASSP
Product Specification
22
23-0000-25
XTAL, 25.0000 MHz, SER/RESN,
HC49S
1
Y1
CITIZEN
HC49US25.000MABJ
23-0000-50
XTAL, 50.0000 MHz, SER/RESN,
HC49S
1
Y2
CITIZEN
HC49US50.000MABJ
23-0006-00
Internal crystal, 32.768 kHz, SER/RESN,
TF case
1
Y3
Fox NC-38
21-0907-01
Connector, RJ45, Fast jack,10/100
Base-T
1
P2
Halo Electronics
HFJ11-2450E-L11
21-0055-02
Connector, HDR/PIN, .025SQ, double
row
2JP1, JP2
(backside)
Harwin
M-20-976-3622
Table 6. Bill of Materials for the Zdots (Continued)
Part Number Part Name
Quantity
Jumper
Location Manufacturer


Similar Part No. - 46-3000-71

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
46-3000-71 ZILOG-46-3000-71 Datasheet
581Kb / 22P
   Real-time clock support
More results

Similar Description - 46-3000-71

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX113 RENESAS-RX113 Datasheet
2Mb / 131P
   32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
logo
Silicon Laboratories
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
List of Unclassifed Man...
SI5351 ETC2-SI5351 Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5351B-B-GM ETC2-SI5351B-B-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Skyworks Solutions Inc.
SI5350A-B SKYWORKS-SI5350A-B Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5350B-B SILABS-SI5350B-B Datasheet
1Mb / 32P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
SI5350C-B SILABS-SI5350C-B Datasheet
1Mb / 31P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Silicon Laboratories
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com