Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

46-3000-71 Datasheet(PDF) 10 Page - Zilog, Inc.

Part # 46-3000-71
Description  Factory-default operating clock frequency at 50 MHz
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

46-3000-71 Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button 46-3000-71 Datasheet HTML 6Page - Zilog, Inc. 46-3000-71 Datasheet HTML 7Page - Zilog, Inc. 46-3000-71 Datasheet HTML 8Page - Zilog, Inc. 46-3000-71 Datasheet HTML 9Page - Zilog, Inc. 46-3000-71 Datasheet HTML 10Page - Zilog, Inc. 46-3000-71 Datasheet HTML 11Page - Zilog, Inc. 46-3000-71 Datasheet HTML 12Page - Zilog, Inc. 46-3000-71 Datasheet HTML 13Page - Zilog, Inc. 46-3000-71 Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
PS026102-1207
Pin Description
Zdots® SBC for eZ80AcclaimPlus!Connectivity ASSP
Product Specification
6
28
A1
Bidirectional
29
A11
Bidirectional
30
A12
Bidirectional
31
A4
Bidirectional
32
A20
Bidirectional
33
A5
Bidirectional
34
A17
Bidirectional
35
Reserved
36
DIS_Flash
PU 10 k
Input
A Low disables onboard Flash memory.
Flash is enabled if DIS_Flash is not
connected; CMOS input 3.3 V (5 V tolerant).
37
A21
Bidirectional
38
VCC
3.3 V supply input pin.
39
A22
Bidirectional
40
A23
Bidirectional
41
CS0
Output
42
CS1
Output
43
CS2
Output
44
D0
PU 4 k
Bidirectional
45
D1
PU 4 k
Bidirectional
46
D2
PU 4 k
Bidirectional
47
D3
PU 4 k
Bidirectional
48
D4
PU 4 k
Bidirectional
49
D5
PU 4 k
Bidirectional
50
GND
VSS/Ground (0 V).
51
D7
PU 4 k
Bidirectional
52
D6
Bidirectional
53
MREQ
Bidirectional
54
IORQ
Bidirectional
Table 1. Zdots Peripheral Bus Connector Pin Identification* (Continued)
Pin No Symbol
Pull
Up/Down*
Signal Direction Comments


Similar Part No. - 46-3000-71

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
46-3000-71 ZILOG-46-3000-71 Datasheet
581Kb / 22P
   Real-time clock support
More results

Similar Description - 46-3000-71

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX113 RENESAS-RX113 Datasheet
2Mb / 131P
   32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
logo
Silicon Laboratories
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
List of Unclassifed Man...
SI5351 ETC2-SI5351 Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5351B-B-GM ETC2-SI5351B-B-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Skyworks Solutions Inc.
SI5350A-B SKYWORKS-SI5350A-B Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5350B-B SILABS-SI5350B-B Datasheet
1Mb / 32P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
SI5350C-B SILABS-SI5350C-B Datasheet
1Mb / 31P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Silicon Laboratories
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com