Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

Z51F0811 Datasheet(PDF) 42 Page - Zilog, Inc.

Part # Z51F0811
Description  The Z51F0811 Evaluation Board contains the following components
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z51F0811 Datasheet(HTML) 42 Page - Zilog, Inc.

Back Button Z51F0811 Datasheet HTML 38Page - Zilog, Inc. Z51F0811 Datasheet HTML 39Page - Zilog, Inc. Z51F0811 Datasheet HTML 40Page - Zilog, Inc. Z51F0811 Datasheet HTML 41Page - Zilog, Inc. Z51F0811 Datasheet HTML 42Page - Zilog, Inc. Z51F0811 Datasheet HTML 43Page - Zilog, Inc. Z51F0811 Datasheet HTML 44Page - Zilog, Inc. Z51F0811 Datasheet HTML 45Page - Zilog, Inc. Z51F0811 Datasheet HTML 46Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
UM024205-1012
Schematic Diagrams
Z51F0811 Evaluation Kit
User Manual
35
Schematic Diagrams
Figures 30 and 31 show schematic diagrams of the Z51F0811 Evaluation Board.
Figure 30. Z51F0811 Evaluation Board, #1 of 2
Pin 23
Pin 27
Pin 28
1
2
3
4
5
6
7
8
9
10
Pin 6
Pin 7
Pin 8
TxD0
RxD0
VCC_5V
RESET
P30/INT4
P31/INT5
DSDA
DSCL
P10/PWM1AA
P11/PWM1AB
P12/PWM1BA
P30/INT4
P31/INT5
RESET
P10/PWM1AA
P11/PWM1AB
P12/PWM1BA
VCC_5V
VCC_5V
VCC_5V
VCC_5V
VCC_5V
VCC_5V
RxD0
TxD0
D2
RED
2
1
J7
R1
10K
R3
49.9K
D1
GREEN
2
1
J6
1
R4
49.9K
J5
1
R8
470 ohm
J10
C2
0.1uF
J1
1
2
3
4
5
R7
470 ohm
J4
1
R6
49.9K
1
23
4
U1
Z51F08QUX
P06/SCL/T0O/AN6/ACOUT/(DSCL)
1
P07/SDA/EC0/AN7/(DSDA)
2
P25/(SCL)/AN14
3
P26/(SDA)
4
VDD
5
P10/INT0/T1O/PWM1AA
6
P11/INT1/PWM1AB
7
P12/INT2/BUZ/PWM1BA
8
P13/PWM1BB
9
P14/PWM1CA
10
P15/PWM1CB/AN8
11
P34/SS1
12
P35/ACK1
13
P36/TxD1/AN10
14
P37/RxD1/AN11
15
P16/INT3/T3O/PWM3/AN9
16
XIN/P20
17
XOUT/P21
18
RESETB/P22
19
VSS
20
AN12/P23
21
AN13/P24
22
AVref/AN0/SS0/P00
23
AN1/SCK0/ACK0/P01
24
AN2/T2O/MOSI0/TxD0/P02
25
AN3/EC2/MISO0/RxD0/P03
26
INT4/P30
27
INT5/P31
28
INT6/P32
29
INT7/P33
30
AN4/AC-/SXIN/P04
31
AN5/AC+/SXOUT/P05
32
R5
470 ohm
J9
SW3
B3U-1000P
1
2
J3
1
SW2
B3U-1000P
1
2
SW1
B3U-1000P
1
2
C1
0.1uF
J2
1
2
3
4
5
J8
R2
10K
D3
Yellow
2
1


Similar Part No. - Z51F0811

ManufacturerPart #DatasheetDescription
Zilog, Inc.
Zilog, Inc.
Z51F0410 ZILOG-Z51F0410 Datasheet
1Mb / 184P
   Z8051 Series 8-Bit Microcontrollers
Z51F0410HCX ZILOG-Z51F0410HCX Datasheet
1Mb / 184P
   Z8051 Series 8-Bit Microcontrollers
More results

Similar Description - Z51F0811

ManufacturerPart #DatasheetDescription
Silicon Laboratories
Silicon Laboratories
SI1102EK SILABS-SI1102EK Datasheet
654Kb / 3P
   The Si1102 Evaluation Kit contains the following items
Rev. 0.1 10/09
Texas Instruments
Texas Instruments
DAC5573EVM TI-DAC5573EVM Datasheet
323Kb / 26P
[Old version datasheet]   This document contains the following chapters
Gamewell-FCI by Honeywell
Gamewell-FCI by Honeywe...
FPT-XSTAND GAMEWELL-FCI-FPT-XSTAND Datasheet
72Kb / 2P
   Provides the following
PHOENIX CONTACT
PHOENIX CONTACT
2700949 PHOENIX-2700949 Datasheet
51Kb / 3P
   In addition to the basic functions, the Pro version of WebVisit contains the following macros
EM Microelectronic - MARIN SA
EM Microelectronic - MA...
EMDB65XX EMMICRO-EMDB65XX Datasheet
979Kb / 9P
   This board contains the different MFP?셲
Xilinx, Inc
Xilinx, Inc
DS484 XILINX-DS484 Datasheet
189Kb / 5P
   The Split Operation has the following features:
Cirrus Logic
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
Analog Devices
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
UG-054 AD-UG-054 Datasheet
468Kb / 8P
   Setting Up the Evaluation Board for the ADP150
REV. 0
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com