Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61165DRVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61165DRVR
Description  High-Brightness, White LED Driver in WSON and SOT-23 Packages
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61165DRVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61165DRVR Datasheet HTML 2Page - Texas Instruments TPS61165DRVR Datasheet HTML 3Page - Texas Instruments TPS61165DRVR Datasheet HTML 4Page - Texas Instruments TPS61165DRVR Datasheet HTML 5Page - Texas Instruments TPS61165DRVR Datasheet HTML 6Page - Texas Instruments TPS61165DRVR Datasheet HTML 7Page - Texas Instruments TPS61165DRVR Datasheet HTML 8Page - Texas Instruments TPS61165DRVR Datasheet HTML 9Page - Texas Instruments TPS61165DRVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
40
50
60
70
80
90
100
0
50
100
150
200
250
300
OutputCurrent-mA
3LEDs(VOUT =12V)
VIN=8.5V
VIN=5V
VIN=3V
40
50
60
70
80
90
100
0
50
100
150
200
250
300
VIN=12V
VIN=8.5V
VIN=5V
6LEDs(VOUT =24V)
OutputCurrent-mA
6
TPS61165
SLVS790D – NOVEMBER 2007 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS61165
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
Acknowledge condition active 0, this condition is only applied in case the RFA bit is set. Open-drain output, line must be pulled high by
the host with resistor load.
7.5 Timing Requirements
MIN
NOM
MAX
UNIT
EasyScale TIMING
tstart
Start time of program stream
2
μs
tEOS
End time of program stream
2
360
μs
tH_LB
High time low bit
Logic 0
2
180
μs
tL_LB
Low time low bit
Logic 0
2 × tH_LB
360
μs
tH_HB
High time high bit
Logic 1
2 × tL_HB
360
μs
tL_HB
Low time high bit
Logic 1
2
180
μs
VACKNL
Acknowledge output voltage low
Open drain, Rpullup =15
k
Ω to VIN
0.4
V
tvalACKN
Acknowledge valid time
See (1)
2
μs
tACKN
Duration of acknowledge condition
See (1)
512
μs
7.6 Typical Characteristics
Table 1. Table of Graphs
FIGURE
Efficiency
3 LEDs (VOUT = 12 V); VIN = 3, 5, 8.5 V; L = 10 μH
Figure 1
Efficiency
6 LEDs (VOUT = 24 V); VIN = 5, 8.5, 12 V; L = 10 μH
Figure 2
Current limit
TA = 25°C
Figure 3
Current limit
Figure 4
Easyscale step
Figure 13
PWM dimming linearity
VIN = 3.6 V; PWM Freq = 10 kHz and 32 kHz
Figure 14
Output ripple at PWM dimming
3 LEDs; VIN = 5 V; ILOAD = 350 mA; PWM = 32 kHz
Figure 15
Switching waveform
3 LEDs; VIN = 5 V; ILOAD = 3500 mA; L = 10 μH
Figure 5
Start-up
3 LEDs; VIN = 5 V; ILOAD = 350 mA; L = 10 μH
Figure 6
Open LED protection
8 LEDs; VIN = 3.6 V; ILOAD = 20 mA
Figure 7
Figure 1. Efficiency vs Output Current
Figure 2. Efficiency vs Output Current


Similar Part No. - TPS61165DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61165DRVR TI-TPS61165DRVR Datasheet
503Kb / 21P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN Package
TPS61165DRVR TI-TPS61165DRVR Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
TPS61165DRVRG4 TI-TPS61165DRVRG4 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
More results

Similar Description - TPS61165DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
TPS61165-Q1 TI1-TPS61165-Q1 Datasheet
805Kb / 24P
[Old version datasheet]   High Brightness White LED Driver in SOT-23 Package
TPS61160A TI1-TPS61160A_17 Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
logo
Monolithic Power System...
MP4000 MPS-MP4000 Datasheet
557Kb / 12P
   Offline High Brightness White LED Driver Controller
MP4001 MPS-MP4001 Datasheet
1Mb / 16P
   Universal Input High Brightness White LED Driver
logo
Texas Instruments
LM1117IMP-ADJ TI-LM1117IMP-ADJ Datasheet
2Mb / 32P
[Old version datasheet]   Space Saving SOT-223 and WSON Packages, Current Limiting and Thermal Protection
LMR10510 TI1-LMR10510_14 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
LM4040AIM3-2.5 TI-LM4040AIM3-2.5 Datasheet
1Mb / 52P
[Old version datasheet]   Small Packages: SOT-23, TO-92 and SC70
logo
Micrel Semiconductor
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com