Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61165DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61165DBVT
Description  High-Brightness, White LED Driver in WSON and SOT-23 Packages
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61165DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS61165DBVT Datasheet HTML 1Page - Texas Instruments TPS61165DBVT Datasheet HTML 2Page - Texas Instruments TPS61165DBVT Datasheet HTML 3Page - Texas Instruments TPS61165DBVT Datasheet HTML 4Page - Texas Instruments TPS61165DBVT Datasheet HTML 5Page - Texas Instruments TPS61165DBVT Datasheet HTML 6Page - Texas Instruments TPS61165DBVT Datasheet HTML 7Page - Texas Instruments TPS61165DBVT Datasheet HTML 8Page - Texas Instruments TPS61165DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
VIN 5 V
C1
4.7
F
m
D1
Rset
0.57 W
VIN
SW
FB
GND
CTRL
COMP
C2
1
F
m
350 mA
220 nF
TPS61165
L 1 : TOKO #A 915 _Y-100M
C1 : Murata GRM 188R61 A475 K
C2 : Murata GRM 188R61 E105K
D1 : ONsemi MBR0540T1
LED : OSRAM LW-W 5SM
ON/OFF
DIMMING
CONTROL
L1
10
H
m
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS61165
SLVS790D – NOVEMBER 2007 – REVISED APRIL 2016
TPS61165 High-Brightness, White LED Driver in WSON and SOT-23 Packages
1
1 Features
1
3-V to 18-V Input Voltage Range
38-V Open LED Protection
200-mV Reference Voltage With 2% Accuracy
1.2-A Switch FET With 1.2-MHz Switching
Frequency
Flexible One-Wire Digital and PWM Brightness
Control
Built-in Soft Start
Up to 90% Efficiency
2-mm × 2-mm × 0.8-mm 6-Pin WSON Package
With Thermal Pad, and SOT-23 Package
2 Applications
High-Brightness LED Lighting
White LED Backlighting for Media Form Factor
Display
Handheld Data Terminals (EPOS)
Thermostat Display
Human Machine Interface (HMI)
Video Surveillance Camera
Exit Signs
HMI and Control Panels
Industrial PCs
IR LED driver
Refrigerator
Ovens
3 Description
With a 40-V rated integrated switch FET, the
TPS61165 device is a boost converter that drives
LEDs in series. The boost converter runs at a
1.2-MHz fixed switching frequency with 1.2-A switch
current limit, allowing the use of a high-brightness
LED in general lighting.
The default white LED current is set with the external
sensor resistor Rset, and the feedback voltage is
regulated to 200 mV, as shown in Typical Application.
During the operation, the LED current can be
controlled
using
the
one-wire
digital
interface
(EasyScale™
protocol)
through
the
CTRL
pin.
Alternatively, a pulse-width-modulation (PWM) signal
can be applied to the CTRL pin through which the
duty
cycle
determines
the
feedback
reference
voltage.
In
either
digital
or
PWM
mode,
the
TPS61165 device does not burst the LED current;
therefore, it does not generate audible noises on the
output capacitor. For maximum protection, the device
features integrated open-LED protection that disables
the TPS61165 device to prevent the output from
exceeding its absolute maximum voltage ratings
during open LED conditions.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS61165
SOT-23 (6)
2.90 mm × 1.60 mm
WSON (6)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


Similar Part No. - TPS61165DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61165DBVT TI-TPS61165DBVT Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
More results

Similar Description - TPS61165DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
TPS61165-Q1 TI1-TPS61165-Q1 Datasheet
805Kb / 24P
[Old version datasheet]   High Brightness White LED Driver in SOT-23 Package
TPS61160A TI1-TPS61160A_17 Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
logo
Monolithic Power System...
MP4000 MPS-MP4000 Datasheet
557Kb / 12P
   Offline High Brightness White LED Driver Controller
MP4001 MPS-MP4001 Datasheet
1Mb / 16P
   Universal Input High Brightness White LED Driver
logo
Texas Instruments
LM1117IMP-ADJ TI-LM1117IMP-ADJ Datasheet
2Mb / 32P
[Old version datasheet]   Space Saving SOT-223 and WSON Packages, Current Limiting and Thermal Protection
LMR10510 TI1-LMR10510_14 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
LM4040AIM3-2.5 TI-LM4040AIM3-2.5 Datasheet
1Mb / 52P
[Old version datasheet]   Small Packages: SOT-23, TO-92 and SC70
logo
Micrel Semiconductor
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com