Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPA00234DRCRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # HPA00234DRCRG4
Description  DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA00234DRCRG4 Datasheet(HTML) 2 Page - Texas Instruments

  HPA00234DRCRG4 Datasheet HTML 1Page - Texas Instruments HPA00234DRCRG4 Datasheet HTML 2Page - Texas Instruments HPA00234DRCRG4 Datasheet HTML 3Page - Texas Instruments HPA00234DRCRG4 Datasheet HTML 4Page - Texas Instruments HPA00234DRCRG4 Datasheet HTML 5Page - Texas Instruments HPA00234DRCRG4 Datasheet HTML 6Page - Texas Instruments HPA00234DRCRG4 Datasheet HTML 7Page - Texas Instruments HPA00234DRCRG4 Datasheet HTML 8Page - Texas Instruments HPA00234DRCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
www.ti.com
DEVICE INFORMATION
1
2
3
4
5
10
9
8
7
6
Vout
VFB
SELV
SELI
Vin
IFB
Iset
GND
Iout
SW
10 pin 3*3 mm QFN PACKAGE
(TOP VIEW)
Exposed
Thermal
Pad
TPS61140
TPS61141
SLVS624B – JANUARY 2006 – REVISED MARCH 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
OVP
PACKAGE
TA
PACKAGE(1)
(typ)
MARKING
–40 to 85
°C
TPS61140DRCR
28 V
BCP
–40 to 85
°C
TPS61141DRCR
22 V
BRG
–40 to 85
°C
TPS61140DRCT
28 V
BCP
–40 to 85
°C
TPS61141DRCT
22 V
BRG
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI Web site at www.ti.com.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
The input pin to the IC. It provides the current to the boost regulator output, and also powers the IC circuit.
VIN
5
I
When the Vin voltage is below the undervoltage lockout threshold, the IC turns off and disables outputs.
GND
8
O
The ground of the IC. Connect the input and output capacitors very close to this pin.
SW
6
I
This is the switching node of the IC where the PWM switching Is created.
IOUT
7
O
The output of the constant current supply. It is directly connected to the boost regulator output.
The output of the voltage regulator. There is a low dropout linear regulator (LDO) between the Iout and Vout
VOUT
1
O
pins which regulates the Vout voltage. Turning off the LDO disconnects the Vout from Iout.
The voltage feedback pin for Vout regulation. It is regulated to an internal reference voltage. An external voltage
VFB
2
I
divider connected to this pin programs the output voltage.
The return path for the Iout regulation. The current regulator is connected to this pin, and it can be disabled by
IFB
10
I
opening the current path.
The current output programming pin. The resistor connected to the pin programs the regulated current of the
ISET
9
I
Iout pin.
SELI,
4, 3
I
Mode selection pins. See Table 1 for details.
SELV
The thermal pad should be soldered to the analog ground. If possible, use thermal via to connect to ground
Thermal Pad
plane for ideal power dissipation.
2
Submit Documentation Feedback


Similar Part No. - HPA00234DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA00208DAPR TI1-HPA00208DAPR Datasheet
402Kb / 18P
[Old version datasheet]   LED DRIVER
HPA00209DAPR TI1-HPA00209DAPR Datasheet
402Kb / 18P
[Old version datasheet]   LED DRIVER
HPA00210DGSR TI1-HPA00210DGSR Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
HPA00215EA/3K TI1-HPA00215EA/3K Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
HPA00219RHBR TI1-HPA00219RHBR Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results

Similar Description - HPA00234DRCRG4

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8481 ALLEGRO-A8481 Datasheet
784Kb / 12P
   Dual Output Boost Regulator Using Single Inductor
logo
Texas Instruments
TPS61140 TI-TPS61140 Datasheet
1Mb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
TPS61150 TI-TPS61150 Datasheet
678Kb / 21P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
TPS61150 TI1-TPS61150 Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output Boost WLED Driver Using Single Inductor
TPS61150A TI-TPS61150A Datasheet
686Kb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
logo
Maxim Integrated Produc...
MAX17270 MAXIM-MAX17270 Datasheet
1Mb / 37P
   nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
19-100234; Rev 5; 9/19
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS65135RTER TI1-TPS65135RTER Datasheet
1Mb / 20P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator
TPS65135_15 TI-TPS65135_15_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS65135 Single-Inductor, Multiple-Output Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com