Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61165DBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61165DBVR
Description  High-Brightness, White LED Driver in WSON and SOT-23 Packages
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61165DBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61165DBVR Datasheet HTML 4Page - Texas Instruments TPS61165DBVR Datasheet HTML 5Page - Texas Instruments TPS61165DBVR Datasheet HTML 6Page - Texas Instruments TPS61165DBVR Datasheet HTML 7Page - Texas Instruments TPS61165DBVR Datasheet HTML 8Page - Texas Instruments TPS61165DBVR Datasheet HTML 9Page - Texas Instruments TPS61165DBVR Datasheet HTML 10Page - Texas Instruments TPS61165DBVR Datasheet HTML 11Page - Texas Instruments TPS61165DBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
D1
SW
Ramp
Generator
Oscillator
Current
Sensor
OLP
CTRL
GND
C3
L1
+
FB
Reference
Control
Error
Amplifer
2
1
Rset
C2
Vin
C1
PWM Control
4
6
5
3
COMP
Soft
Start-up
Copyright © 2016, Texas Instruments Incorporated
8
TPS61165
SLVS790D – NOVEMBER 2007 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS61165
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS61165 is a high-efficiency, high-output-voltage boost converter in small package size. The device is
ideal for driving white LEDs in series. The serial LED connection provides even illumination by sourcing the same
output current through all LEDs, eliminating the need for expensive factory calibration. The device integrates 40-
V/1.2-A switch FET and operates in pulse width modulation (PWM) with 1.2-MHz fixed switching frequency. (For
operation see the Functional Block Diagram.) The duty cycle of the converter is set by the error amplifier output
and the current signal applied to the PWM control comparator. The control architecture is based on traditional
current-mode control; therefore, slope compensation is added to the current signal to allow stable operation for
duty cycles larger than 40%. The feedback loop regulates the FB pin to a low reference voltage (200 mV typical),
reducing the power dissipation in the current sense resistor.
8.2 Functional Block Diagram


Similar Part No. - TPS61165DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61165DBVR TI-TPS61165DBVR Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
More results

Similar Description - TPS61165DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
TPS61165-Q1 TI1-TPS61165-Q1 Datasheet
805Kb / 24P
[Old version datasheet]   High Brightness White LED Driver in SOT-23 Package
TPS61160A TI1-TPS61160A_17 Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
logo
Monolithic Power System...
MP4000 MPS-MP4000 Datasheet
557Kb / 12P
   Offline High Brightness White LED Driver Controller
MP4001 MPS-MP4001 Datasheet
1Mb / 16P
   Universal Input High Brightness White LED Driver
logo
Texas Instruments
LM1117IMP-ADJ TI-LM1117IMP-ADJ Datasheet
2Mb / 32P
[Old version datasheet]   Space Saving SOT-223 and WSON Packages, Current Limiting and Thermal Protection
LMR10510 TI1-LMR10510_14 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
LM4040AIM3-2.5 TI-LM4040AIM3-2.5 Datasheet
1Mb / 52P
[Old version datasheet]   Small Packages: SOT-23, TO-92 and SC70
logo
Micrel Semiconductor
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com