Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35-0016-05 Datasheet(PDF) 14 Page - Zilog, Inc.

Part # 35-0016-05
Description  Factory-default operating clock frequency at 50 MHz
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

35-0016-05 Datasheet(HTML) 14 Page - Zilog, Inc.

Back Button 35-0016-05 Datasheet HTML 10Page - Zilog, Inc. 35-0016-05 Datasheet HTML 11Page - Zilog, Inc. 35-0016-05 Datasheet HTML 12Page - Zilog, Inc. 35-0016-05 Datasheet HTML 13Page - Zilog, Inc. 35-0016-05 Datasheet HTML 14Page - Zilog, Inc. 35-0016-05 Datasheet HTML 15Page - Zilog, Inc. 35-0016-05 Datasheet HTML 16Page - Zilog, Inc. 35-0016-05 Datasheet HTML 17Page - Zilog, Inc. 35-0016-05 Datasheet HTML 18Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
PS026102-1207
Pin Description
Zdots® SBC for eZ80AcclaimPlus!Connectivity ASSP
Product Specification
10
38
TDI/ZDA
Input
JTAG Data Input pin.
39
GND
VSS/Ground (0 V).
40
TRIGOUT
Output
Active High trigger event indicator.
41
TCK/ZCL
PU 10 k
Input
JTAG Input. High on reset enables ZDI mode;
Low on reset enables OCI debug.
42
TMS
PU 10 k
Input
JTAG Test Mode Select Input.
43
RTC_VDD
RTC supply. For proper operation of the Zdots,
this pin must be connected to the same power
source that powers the module (as it is done on
the Zilog® development platform).
44
EZ80CLK
Output
Synchronous CPU clock output.
45
I2CSCL
PU 4 k
Bidirectional
I2C Bus Clock.
46
GND
VSS/Ground (0 V).
47
I2CSDA
PU 4 k
Bidirectional
I2C Data Clock.
48
GND
Power
VSS/Ground (0 V).
49
FlashWE
PU 10 k
Input
A Low enables a Write to external Flash memory
boot block area. If this pin is unconnected, the
Flash memory boot block area is Write-protected.
50
GND
VSS/Ground (0 V).
51
CS3
Output
Used on the eZ80190, eZ80L92, eZ80F92,
eZ80F93 devices and connected to the CS8900
EMAC.
52
DIS_IRDA
PU 10 k
Input
A Low disables the onboard IRDA transceiver to
use PC0/PC1 UART pins externally.
53
RESET
PU 2 k
Bidirectional
Reset Output from module or push-button reset.
54
WAIT
PU 2 k
Input
Driving the WAIT pin Low forces the CPU to
provide additional clock cycles for an external
peripheral or external memory to complete its
Read or Write operation.
55
VCC
3.3 V supply input pin.
56
GND
VSS/Ground (0 V).
Table 2. Zdots Input/Output Connector Pin Identification* (Continued)
Pin No
Symbol
Pull
Up/Down
Signal
Direction
Comments


Similar Part No. - 35-0016-05

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
35-0016-06 ZILOG-35-0016-06 Datasheet
581Kb / 22P
   Real-time clock support
More results

Similar Description - 35-0016-05

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX113 RENESAS-RX113 Datasheet
2Mb / 131P
   32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
logo
Silicon Laboratories
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
List of Unclassifed Man...
SI5351 ETC2-SI5351 Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5351B-B-GM ETC2-SI5351B-B-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Skyworks Solutions Inc.
SI5350A-B SKYWORKS-SI5350A-B Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5350B-B SILABS-SI5350B-B Datasheet
1Mb / 32P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
SI5350C-B SILABS-SI5350C-B Datasheet
1Mb / 31P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Silicon Laboratories
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com