Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53511 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53511
Description  4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53511 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS53511 Datasheet HTML 2Page - Texas Instruments TPS53511 Datasheet HTML 3Page - Texas Instruments TPS53511 Datasheet HTML 4Page - Texas Instruments TPS53511 Datasheet HTML 5Page - Texas Instruments TPS53511 Datasheet HTML 6Page - Texas Instruments TPS53511 Datasheet HTML 7Page - Texas Instruments TPS53511 Datasheet HTML 8Page - Texas Instruments TPS53511 Datasheet HTML 9Page - Texas Instruments TPS53511 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
4
2
3
8
12
11
10
9
VFB
VREG5
SS
GND
SW
SW
SW
16
15
14
13
1
5
6
7
VBST
TPS53511
PowerPAD
TM
TPS53511
SLUSBG4A – MARCH 2013 – REVISED JANUARY 2014
www.ti.com
DEVICE INFORMATION
PIN FUNCTIONS
PIN
I/O/P
DESCRIPTION
NAME
NO.
EN
6
I
Enable control input
GND
4
Signal ground pin
PG
5
O
Open drain power good output
7
Ground returns for low-side MOSFET. Also serves as inputs of current comparators. Connect PGND and
PGND
P
GND strongly together near the device.
8
SS
3
I/O
Soft-start control. An external capacitor should be connected to GND.
9
Switch node connection between high-side N-channel FET and low-side N-channel FET. Also serves as
SW
10
I/O
inputs to current comparator.
11
Supply input for high-side N-channel FET gate driver (boost terminal). Connect capacitor from this pin to
VBST
12
I
respective SW terminals. An internal PN diode is connected between VREG5 to VBST pin.
VCC
15
I
Supply input for 5V internal linear regulator for the control circuitry
VFB
1
I
Converter feedback input. Connect with feedback resistor divider.
13
VIN
I
Power input and connected to high side N-channel FET drain
14
VO
16
I
Connect to output of converter. This terminal is used for on-time adjustment.
VREG5
2
O
5.5-V power supply output. A capacitor (typical 1-µF) should be connected to GND.
Thermal pad of the package. Must be soldered to achieve appropriate dissipation. Should be connected to
PowerPAD
PGND.
RGT PACKAGE
16 PIN
(TOP VIEW)
6
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPS53511


Similar Part No. - TPS53511

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53511 TI-TPS53511 Datasheet
916Kb / 21P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511RGTR TI-TPS53511RGTR Datasheet
916Kb / 21P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511RGTR TI-TPS53511RGTR Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511RGTT TI-TPS53511RGTT Datasheet
916Kb / 21P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
More results

Similar Description - TPS53511

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53511 TI-TPS53511_15 Datasheet
940Kb / 24P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511 Datasheet
916Kb / 21P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511_V01 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS54427 TI1-TPS54427_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V Input, 4-A Output Single Synchronous Step-Down Switcher
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325 TI-TPS54325_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54325 4.5-V to 18-V, 3-A Output Synchronous Step Down Switcher with Integrated FET
TPS54325-Q1 TI1-TPS54325-Q1 Datasheet
669Kb / 18P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS568230 TI1-TPS568230 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 18-V input, 8-A synchronous step-down voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com