Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51218DSCT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51218DSCT
Description  HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51218DSCT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS51218DSCT Datasheet HTML 2Page - Texas Instruments TPS51218DSCT Datasheet HTML 3Page - Texas Instruments TPS51218DSCT Datasheet HTML 4Page - Texas Instruments TPS51218DSCT Datasheet HTML 5Page - Texas Instruments TPS51218DSCT Datasheet HTML 6Page - Texas Instruments TPS51218DSCT Datasheet HTML 7Page - Texas Instruments TPS51218DSCT Datasheet HTML 8Page - Texas Instruments TPS51218DSCT Datasheet HTML 9Page - Texas Instruments TPS51218DSCT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
1
2
3
4
5
10
9
8
7
6
PGOOD
TRIP
EN
VFB
RF
VBST
DRVH
SW
V5IN
DRVL
TPS51218DSC
GND
DSC PACKAGE
(TOP VIEW)
TRIP
OCL
V
V
8
=
TPS51218
SLUS935B
– MAY 2009 – REVISED FEBRUARY 2012
www.ti.com
DEVICE INFORMATION
Thermal pad is used as an active terminal of GND.
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
High-side MOSFET driver output. The SW node referenced floating driver. The gate drive voltage is
DRVH
9
O
defined by the voltage across VBST to SW node bootstrap flying capacitor
Synchronous MOSFET driver output. The GND referenced driver. The gate drive voltage is defined by
DRVL
6
O
V5IN voltage.
EN
3
I
SMPS enable pin. Short to GND to disable the device.
Thermal
GND
I
Ground
Pad
Power Good window comparator open drain output. Pull up with resistor to 5 V or appropriate signal
PGOOD
1
O
voltage. Continuous current capability is 1 mA. PGOOD goes high 1 ms after VFB becomes within
specified limits. Power bad, or the terminal goes low, after a 2-
μs delay.
Switching frequency selection. Connect a resistance to select switching frequency as shown in Table 1.
The switching frequency is detected and stored into internal registers during startup. This pin also controls
RF
5
I
Auto-skip or forced CCM selection.
Pull down to GND with resistor : Auto-Skip
Connect to PGOOD with resistor: forced CCM after PGOOD becomes high.
Switch node. A high-side MOSFET gate drive return. Also used for on time generation and output
SW
8
I
discharge.
OCL detection threshold setting pin. 10
μA at room temperature, 4700 ppm/°C current is sourced and set
the OCL trip voltage as follows.
TRIP
2
I
(0.2 V
≤ VTRIP ≤ 3 V)
V5IN
7
I
5 V +30%/
–10% power supply input.
Supply input for high-side MOSFET driver (bootstrap terminal). Connect a flying capacitor from this pin to
VBST
10
I
the SW pin. Internally connected to V5IN via bootstrap MOSFET switch.
VFB
4
I
SMPS feedback input. Connect the feedback resistor divider.
6
Submit Documentation Feedback
Copyright
© 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS51218


Similar Part No. - TPS51218DSCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51218DSCT TI-TPS51218DSCT Datasheet
1Mb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
More results

Similar Description - TPS51218DSCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51211 TI1-TPS51211 Datasheet
677Kb / 26P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51211 TI-TPS51211_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Single Synchronous Step-Down Controller For Notebook Power Supply
TPS51217 TI-TPS51217 Datasheet
1,006Kb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51217 TI-TPS51217_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218 TI-TPS51218 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
   High Performance, Single Synchronous Step-Down Controller
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
   Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
   Synchronous Step-Down Power Supply Controller
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
   Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
Texas Instruments
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com