Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5430DDARG4 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5430DDARG4
Description  3-A, Wide Input Range, Step-Down Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5430DDARG4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS5430DDARG4 Datasheet HTML 13Page - Texas Instruments TPS5430DDARG4 Datasheet HTML 14Page - Texas Instruments TPS5430DDARG4 Datasheet HTML 15Page - Texas Instruments TPS5430DDARG4 Datasheet HTML 16Page - Texas Instruments TPS5430DDARG4 Datasheet HTML 17Page - Texas Instruments TPS5430DDARG4 Datasheet HTML 18Page - Texas Instruments TPS5430DDARG4 Datasheet HTML 19Page - Texas Instruments TPS5430DDARG4 Datasheet HTML 20Page - Texas Instruments TPS5430DDARG4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
I
COUT(RMS) +
1
12
V
OUT
V
IN(MAX) *
V
OUT
V
IN(MAX)
L
OUT
F
SW
N
C
V
(MAX)=
PP
()
ESR
xV
xV
-V
MAX
OUT
IN(MAX)
OUT
N
xV
xL
C
IN(MAX)
OUT xFSW
ESR
MAX +
1
2p
C
OUT
f
CO
C
OUT +
1
3357
L
OUT
f
CO
V
OUT
f
CO +
f
LC
2
85 V
OUT
17
TPS5430, TPS5431
www.ti.com
SLVS632I – JANUARY 2006 – REVISED APRIL 2017
Product Folder Links: TPS5430 TPS5431
Submit Documentation Feedback
Copyright © 2006–2017, Texas Instruments Incorporated
8.2.1.2.4.2
Capacitor Selection
The important design factors for the output capacitor are dc voltage rating, ripple current rating, and equivalent
series resistance (ESR). The dc voltage and ripple current ratings cannot be exceeded. The ESR is important
because along with the inductor ripple current it determines the amount of output ripple voltage. The actual value
of the output capacitor is not critical, but some practical limits do exist. Consider the relationship between the
desired closed loop crossover frequency of the design and LC corner frequency of the output filter. Due to the
design of the internal compensation, it is desirable to keep the closed loop crossover frequency in the range 3
kHz to 30 kHz as this frequency range has adequate phase boost to allow for stable operation. For this design
example, it is assumed that the intended closed loop crossover frequency will be between 2590 Hz and 24 kHz
and also below the ESR zero of the output capacitor. Under these conditions the closed loop crossover
frequency is related to the LC corner frequency by:
(7)
And the desired output capacitor value for the output filter to:
(8)
For a desired crossover of 18 kHz and a 15 μH inductor, the calculated value for the output capacitor is 220 μF.
The capacitor type should be chosen so that the ESR zero is above the loop crossover. The maximum ESR
should be:
(9)
The maximum ESR of the output capacitor also determines the amount of output ripple as specified in the initial
design parameters. The output ripple voltage is the inductor ripple current times the ESR of the output filter.
Check that the maximum specified ESR as listed in the capacitor data sheet results in an acceptable output
ripple voltage:
where
ΔVPP is the desired peak-to-peak output ripple.
NC is the number of parallel output capacitors.
FSW is the switching frequency.
(10)
For this design example, a single 220 μF output capacitor is chosen for C3. The calculated RMS ripple current is
143 mA and the maximum ESR required is 40 m
Ω. A capacitor that meets these requirements is a Sanyo
Poscap 10TPB220M, rated at 10 V with a maximum ESR of 40 m
Ω and a ripple current rating of 3 A. An
additional small 0.1 μF ceramic bypass capacitor may also used, but is not included in this design.
The minimum ESR of the output capacitor should also be considered. For good phase margin, the ESR zero
when the ESR is at a minimum should not be too far above the internal compensation poles at 24 kHz and 54
kHz.
The selected output capacitor must also be rated for a voltage greater than the desired output voltage plus one
half the ripple voltage. Any derating amount must also be included. The maximum RMS ripple current in the
output capacitor is given by Equation 11:
where
NC is the number of output capacitors in parallel.
FSW is the switching frequency.
(11)


Similar Part No. - TPS5430DDARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5430DDARG4 TI-TPS5430DDARG4 Datasheet
1Mb / 22P
[Old version datasheet]   5.5-V to 36-V, 3-A STEP-DOWN SWIFT CONVERTER
TPS5430DDARG4 TI-TPS5430DDARG4 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
More results

Similar Description - TPS5430DDARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5431DDAR TI-TPS5431DDAR Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5430-Q1 TI-TPS5430-Q1 Datasheet
982Kb / 27P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT CONVERTER
TPS5430 TI-TPS5430_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS543x 3-A, Wide Input Range, Step-Down Converter
TPS5430-Q1 TI-TPS5430-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS5430-Q1 3-A Wide-Input-Range Step-Down Converter
TPS5420 TI-TPS5420_15 Datasheet
1,000Kb / 27P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5410 TI1-TPS5410_17 Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com