Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5430DDAR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5430DDAR
Description  3-A, Wide Input Range, Step-Down Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5430DDAR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS5430DDAR Datasheet HTML 10Page - Texas Instruments TPS5430DDAR Datasheet HTML 11Page - Texas Instruments TPS5430DDAR Datasheet HTML 12Page - Texas Instruments TPS5430DDAR Datasheet HTML 13Page - Texas Instruments TPS5430DDAR Datasheet HTML 14Page - Texas Instruments TPS5430DDAR Datasheet HTML 15Page - Texas Instruments TPS5430DDAR Datasheet HTML 16Page - Texas Instruments TPS5430DDAR Datasheet HTML 17Page - Texas Instruments TPS5430DDAR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
+
PwPd
10.8 - 19.8 V
L1
15 H
m
6
4
9
5
2
3
GND
VSNS
VIN
NC
NC
ENA
BOOT
PH
7
1
8
C1
10 F
m
C3
220 F
m
D1
B340A
C2
0.01 F
m
VOUT
5 V
R2
3.24 kW
R1
10 kW
VIN
EN
U1
TPS5430DDA
Copyright © Texas Instruments Incorporated
14
TPS5430, TPS5431
SLVS632I – JANUARY 2006 – REVISED APRIL 2017
www.ti.com
Product Folder Links: TPS5430 TPS5431
Submit Documentation Feedback
Copyright © 2006–2017, Texas Instruments Incorporated
(1)
As an additional constraint, the design is set up to be small size and low component height.
8.2 Typical Applications
8.2.1 12-V Input to 5.0-V Output
Figure 9 shows the schematic for a typical TPS5430 application. The TPS5430 can provide up to 3 A output
current at a nominal output voltage of 5 V. For proper thermal performance, the exposed PowerPAD™
underneath the device must be soldered down to the printed-circuit board.
Figure 9. Application Circuit, 12 V Input to 5.0 V Output
8.2.1.1 Design Requirements
For this design example, use the following as the input parameters:
DESIGN PARAMETER(1)
EXAMPLE VALUE
Input voltage range
10.8 V to 19.8 V
Output voltage
5 V
Input ripple voltage
300 mV
Output ripple voltage
30 mV
Output current rating
3 A
Operating frequency
500 kHz


Similar Part No. - TPS5430DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5430DDAR TI-TPS5430DDAR Datasheet
1Mb / 22P
[Old version datasheet]   5.5-V to 36-V, 3-A STEP-DOWN SWIFT CONVERTER
TPS5430DDAR TI-TPS5430DDAR Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5430DDARG4 TI-TPS5430DDARG4 Datasheet
1Mb / 22P
[Old version datasheet]   5.5-V to 36-V, 3-A STEP-DOWN SWIFT CONVERTER
TPS5430DDARG4 TI-TPS5430DDARG4 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
More results

Similar Description - TPS5430DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5431DDAR TI-TPS5431DDAR Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5430-Q1 TI-TPS5430-Q1 Datasheet
982Kb / 27P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT CONVERTER
TPS5430 TI-TPS5430_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS543x 3-A, Wide Input Range, Step-Down Converter
TPS5430-Q1 TI-TPS5430-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS5430-Q1 3-A Wide-Input-Range Step-Down Converter
TPS5420 TI-TPS5420_15 Datasheet
1,000Kb / 27P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5410 TI1-TPS5410_17 Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com