Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS543X Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS543X
Description  3-A, Wide Input Range, Step-Down Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS543X Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS543X Datasheet HTML 2Page - Texas Instruments TPS543X Datasheet HTML 3Page - Texas Instruments TPS543X Datasheet HTML 4Page - Texas Instruments TPS543X Datasheet HTML 5Page - Texas Instruments TPS543X Datasheet HTML 6Page - Texas Instruments TPS543X Datasheet HTML 7Page - Texas Instruments TPS543X Datasheet HTML 8Page - Texas Instruments TPS543X Datasheet HTML 9Page - Texas Instruments TPS543X Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
TPS5430, TPS5431
SLVS632I – JANUARY 2006 – REVISED APRIL 2017
www.ti.com
Product Folder Links: TPS5430 TPS5431
Submit Documentation Feedback
Copyright © 2006–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Maximum power dissipation may be limited by overcurrent protection
(3)
Power rating at a specific ambient temperature TA should be determined with a junction temperature of 125°C. This is the point where
distortion starts to substantially increase. Thermal management of the final PCB should strive to keep the junction temperature at or
below 125°C for best performance and long-term reliability. See Thermal Calculations in applications section of this data sheet for more
information.
(4)
Test boards conditions:
(a) 3 in x 3 in, 2 layers, thickness: 0.062 inch.
(b) 2 oz. copper traces located on the top and bottom of the PCB.
(c) 6 thermal vias in the PowerPAD area under the device package.
(5)
Test board conditions:
(a) 3 in x 3 in, 4 layers, thickness: 0.062 inch.
(b) 2 oz. copper traces located on the top and bottom of the PCB.
(c) 2 oz. copper ground planes on the 2 internal layers.
(d) 6 thermal vias in the PowerPAD area under the device package.
6.4 Thermal Information
THERMAL METRIC(1)(2)(3)
TPS5430
TPS5431
UNIT
DDA
8 PINS
RθJA
Junction-to-ambient thermal resistance (2-layer custom board) (4)
33
°C/W
RθJA
Junction-to-ambient thermal resistance (4-layer custom board) (5)
26
RθJA
Junction-to-ambient thermal resistance (standard board)
42.3
ψJT
Junction-to-top characterization parameter
4.9
ψJB
Junction-to-board characterization parameter
20.7
RθJC(top)
Junction-to-case(top) thermal resistance
46.4
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
0.8
RθJB
Junction-to-board thermal resistance
20.8


Similar Part No. - TPS543X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5430 TI-TPS5430 Datasheet
1Mb / 22P
[Old version datasheet]   5.5-V to 36-V, 3-A STEP-DOWN SWIFT CONVERTER
TPS5430 TI-TPS5430 Datasheet
690Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS5430 TI-TPS5430 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS5430 TI-TPS5430 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
More results

Similar Description - TPS543X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5431DDAR TI-TPS5431DDAR Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5430-Q1 TI-TPS5430-Q1 Datasheet
982Kb / 27P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT CONVERTER
TPS5430 TI-TPS5430_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS543x 3-A, Wide Input Range, Step-Down Converter
TPS5430-Q1 TI-TPS5430-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS5430-Q1 3-A Wide-Input-Range Step-Down Converter
TPS5420 TI-TPS5420_15 Datasheet
1,000Kb / 27P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5410 TI1-TPS5410_17 Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com