Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5431 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5431
Description  3-A, Wide Input Range, Step-Down Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5431 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS5431 Datasheet HTML 3Page - Texas Instruments TPS5431 Datasheet HTML 4Page - Texas Instruments TPS5431 Datasheet HTML 5Page - Texas Instruments TPS5431 Datasheet HTML 6Page - Texas Instruments TPS5431 Datasheet HTML 7Page - Texas Instruments TPS5431 Datasheet HTML 8Page - Texas Instruments TPS5431 Datasheet HTML 9Page - Texas Instruments TPS5431 Datasheet HTML 10Page - Texas Instruments TPS5431 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
TPS5430, TPS5431
www.ti.com
SLVS632I – JANUARY 2006 – REVISED APRIL 2017
Product Folder Links: TPS5430 TPS5431
Submit Documentation Feedback
Copyright © 2006–2017, Texas Instruments Incorporated
6.5 Electrical Characteristics
TJ = –40°C to 125°C, VIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
IQ
Quiescent current
VSENSE = 2 V, Not switching,
PH pin open
3
4.4
mA
Shutdown, ENA = 0 V
18
50
μA
UNDERVOLTAGE LOCK OUT (UVLO)
Start threshold voltage, UVLO
5.3
5.5
V
Hysteresis voltage, UVLO
330
mV
VOLTAGE REFERENCE
Voltage reference accuracy
TJ = 25°C
1.202
1.221
1.239
V
IO = 0 A – 3 A
1.196
1.221
1.245
OSCILLATOR
Internally set free-running frequency
400
500
600
kHz
Minimum controllable on time
150
200
ns
Maximum duty cycle
87%
89%
ENABLE (ENA PIN)
Start threshold voltage, ENA
1.3
V
Stop threshold voltage, ENA
0.5
V
Hysteresis voltage, ENA
450
mV
Internal slow-start time (0~100%)
6.6
8
10
ms
CURRENT LIMIT
Current limit
4
5
6
A
Current limit hiccup time
13
16
20
ms
THERMAL SHUTDOWN
Thermal shutdown trip point
135
162
°C
Thermal shutdown hysteresis
14
OUTPUT MOSFET
rDS(on)
High-side power MOSFET switch
VIN = 5.5 V
150
m
110
230


Similar Part No. - TPS5431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5431 TI-TPS5431 Datasheet
690Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5431 TI-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5431 TI-TPS5431 Datasheet
1Mb / 36P
[Old version datasheet]   TPS543x 3-A, Wide Input Range, Step-Down Converter
TPS54310 TI-TPS54310 Datasheet
142Kb / 14P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS5431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5431DDAR TI-TPS5431DDAR Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5430-Q1 TI-TPS5430-Q1 Datasheet
982Kb / 27P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT CONVERTER
TPS5430 TI-TPS5430_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS543x 3-A, Wide Input Range, Step-Down Converter
TPS5430-Q1 TI-TPS5430-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS5430-Q1 3-A Wide-Input-Range Step-Down Converter
TPS5420 TI-TPS5420_15 Datasheet
1,000Kb / 27P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5410 TI1-TPS5410_17 Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com