Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3851-Q1 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3851-Q1
Description  High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3851-Q1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS3851-Q1 Datasheet HTML 11Page - Texas Instruments TPS3851-Q1 Datasheet HTML 12Page - Texas Instruments TPS3851-Q1 Datasheet HTML 13Page - Texas Instruments TPS3851-Q1 Datasheet HTML 14Page - Texas Instruments TPS3851-Q1 Datasheet HTML 15Page - Texas Instruments TPS3851-Q1 Datasheet HTML 16Page - Texas Instruments TPS3851-Q1 Datasheet HTML 17Page - Texas Instruments TPS3851-Q1 Datasheet HTML 18Page - Texas Instruments TPS3851-Q1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
VDD
CCWD
Cap
Control
375 nA
CWD
VDD
CWD
CWD
User Programmable
Capacitor to GND
10 NŸ 5HVLVWRU
to VDD
CWD
Unconnected
TPS3851-Q1
TPS3851-Q1
TPS3851-Q1
VDD
VDD
Cap
Control
375 nA
VDD
Cap
Control
375 nA
VDD
Copyright © 2016, Texas Instruments Incorporated
15
TPS3851-Q1
www.ti.com
SBVS286 – MARCH 2017
Product Folder Links: TPS3851-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The following sections describe in detail proper device implementation, depending on the final application
requirements.
8.1.1 CWD Functionality
The TPS3851-Q1 features three options for setting the watchdog timer: connecting a capacitor to the CWD pin,
connecting a pullup resistor to VDD, and leaving the CWD pin unconnected. Figure 24 shows a schematic
drawing of all three options. If this pin is connected to VDD through a 10-k
Ω pullup resistor or left unconnected
(high impedance), then the factory-programmed watchdog timeouts are enabled; see the Factory-Programmed
Timing Options section. Otherwise, the watchdog timeout can be adjusted by placing a capacitor from the CWD
pin to ground.
Figure 24. CWD Charging Circuit
8.1.1.1 Factory-Programmed Timing Options
If using the factory-programmed timing options (listed in Table 2), the CWD pin must either be unconnected or
pulled up to VDD through a 10-kΩ pullup resistor. Using these options enables high-precision, 15% accurate
watchdog timing.
Table 2. Factory Programmed Watchdog Timing
INPUT
STANDARD AND EXTENDED TIMING WDT (tWD)
UNIT
CWD
SET1
MIN
TYP
MAX
NC
0
Watchdog disabled
NC
1
1360
1600
1840
ms
10 kΩ to VDD
0
Watchdog disabled
10 kΩ to VDD
1
170
200
230
ms


Similar Part No. - TPS3851-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3851 TI1-TPS3851 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
TPS3851G18EDRBR TI1-TPS3851G18EDRBR Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
TPS3851G18EDRBT TI1-TPS3851G18EDRBT Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
TPS3851G18SDRBR TI1-TPS3851G18SDRBR Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
TPS3851G18SDRBT TI1-TPS3851G18SDRBT Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
More results

Similar Description - TPS3851-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3852-Q1 TI1-TPS3852-Q1 Datasheet
503Kb / 28P
[Old version datasheet]   High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
TPS3851 TI1-TPS3851 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
UCC1946 TI-UCC1946 Datasheet
105Kb / 6P
[Old version datasheet]   Microprocessor Supervisor with Watchdog Timer
UCC2946-Q1 TI1-UCC2946-Q1 Datasheet
231Kb / 13P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC3946DTRG4 TI1-UCC3946DTRG4 Datasheet
664Kb / 17P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Texas Instruments
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850-Q1 TI1-TPS3850-Q1 Datasheet
814Kb / 39P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com