Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJP4065DPP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJP4065DPP
Description  Power MOSFETs and IGBT for PDP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP4065DPP Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJP4065DPP Datasheet HTML 1Page - Renesas Technology Corp RJP4065DPP Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
April 2010
Renesas Electronics
©2010. Renesas Electronics Corporation, All rights reserved.
Full Bridge
Vin
Vds(peak)=Vin + V(surge)
Pch
Nch
HAT3029R(30V)
HAT3031R(60V)
Nch&Pch in 1PKG
Half Bridge
Vin
Vds(peak)=Vin + V(surge)
Pch
Nch
HAT3029R(30V)
HAT3031R(60V)
Nch&Pch in 1PKG
HRV103A
HRV103A
Push/Pull
Vin
Vds(peak)=2Vin + V(surge)
Nch
Nch
HAT2215R(80V)
Dual Nch in 1PKG
VDSS
VGss
ID
Qgd
Qg
(V)
(V)
(A)
typ
max
typ
max
(nc)
(nC)
1 HAT2199R
30
±20
11
17
25
13
16.5
1.8
7.5
2 HAT2208R
30
±20
9
24
35
18
23
1.1
4.4
3 HAT2256R
Single
60
±20
8
28
41
24
30
3.2
10
4 HAT1131R
-30
±20
-9
21.5
31
15
19
5.8
17
5 HAT1132R
-30
±20
-7
27.5
40
20
25
5.2
11.5
6 HAT2276R
30
±20
7.5
27
40
19
24
1.2
4.6
7 HAT2280R
30
±20
6
40
58
27
34
1.1
3
8 HAT2275R
60
±20
6.6
29
43
25
32
3.2
10
9 HAT2215R
80
±20
3.4
100
145
88
115
1.3
7.3
10 HAT1126R
Pch+Pch
-60
±20
6
60
85
40
50
8
37
30
±20
6
40
58
27
34
1.1
3.1
-30
+10/-20
-6
36
53
25
32
4.4
11.5
45
±20
5
55
75
44
55
0.9
3.0
-45
+10/-20
-3.8
95
130
75
95
1.5
4.9
60
±20
6
32
45
25
32
8
18
-60
±20
-5
90
130
60
76
8
18
60
±20
6.6
29
43
25
32
2.8
10
-60
+10/-20
-3.4
120
175
95
120
2.2
6.0
60
±20
5
55
80
48
60
1.4
-
-60
±20
-3.8
90
130
80
100
2.8
-
80
±20
3.4
100
145
90
115
1.3
7.3
-80
±20
-2.6
200
290
165
210
2.4
16
100
±20
3.5
120
160
90
115
3.2
15
-100
±20
-2.3
300
500
240
300
3.1
16
16 HAT3021R
17 HAT3019R
No
Type No
13 HAT3010R
11
Nch+Pch
HAT3029R
HAT3031R
Max.Ratings
VGS=10v
RDS(on) (mΩ)
VGS=4.5v(8v)
Nch+Nch
15 HAT3038R
12 HAT3037R
14
Power MOSFETs for Backlight Inverter
Achieve Miniaturization and Higher Efficiency
Product Lineup
Example of Application Circuit (LCD TV, TFT Monitor, Note PC)
Features
Merits
Low on resistance, High-speed switching
Low Qg, Low Qgd
Small package, Built-in 2 elements
Mniaturization
High efficiency


Similar Part No. - RJP4065DPP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP4002ANS RENESAS-RJP4002ANS Datasheet
87Kb / 5P
   Nch IGBT for Strobe Flash
RJP4002ANS-00-Q1 RENESAS-RJP4002ANS-00-Q1 Datasheet
87Kb / 5P
   Nch IGBT for Strobe Flash
RJP4002ASA RENESAS-RJP4002ASA Datasheet
135Kb / 5P
   Nch IGBT for Strobe Flash
RJP4002ASA-00-Q0 RENESAS-RJP4002ASA-00-Q0 Datasheet
135Kb / 5P
   Nch IGBT for Strobe Flash
RJP4003ANS RENESAS-RJP4003ANS Datasheet
87Kb / 5P
   Nch IGBT for Strobe Flash
More results

Similar Description - RJP4065DPP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGD4536 FAIRCHILD-FGD4536 Datasheet
689Kb / 8P
   360V, PDP IGBT
FGPF4533 FAIRCHILD-FGPF4533 Datasheet
320Kb / 8P
   330V, PDP IGBT
logo
International Rectifier
IRG7S313UPBF IRF-IRG7S313UPBF Datasheet
250Kb / 8P
   PDP TRENCH IGBT
IRG6S330UPBF IRF-IRG6S330UPBF Datasheet
237Kb / 8P
   PDP TRENCH IGBT
IRG6I330UPBF IRF-IRG6I330UPBF Datasheet
312Kb / 7P
   PDP TRENCH IGBT
IRGB4065PBF IRF-IRGB4065PBF Datasheet
785Kb / 9P
   PDP TRENCH IGBT
logo
Fairchild Semiconductor
FGA120N30D FAIRCHILD-FGA120N30D Datasheet
746Kb / 9P
   300V PDP IGBT
logo
International Rectifier
IRGI4055PBF IRF-IRGI4055PBF Datasheet
251Kb / 7P
   PDP TRENCH IGBT
IRGP4086PBF IRF-IRGP4086PBF Datasheet
247Kb / 7P
   PDP TRENCH IGBT
IRGP4055DPBF IRF-IRGP4055DPBF Datasheet
263Kb / 7P
   PDP TRENCH IGBT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com