Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R1320202VXC Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # 5962R1320202VXC
Description  1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962R1320202VXC Datasheet(HTML) 8 Page - Texas Instruments

Back Button 5962R1320202VXC Datasheet HTML 4Page - Texas Instruments 5962R1320202VXC Datasheet HTML 5Page - Texas Instruments 5962R1320202VXC Datasheet HTML 6Page - Texas Instruments 5962R1320202VXC Datasheet HTML 7Page - Texas Instruments 5962R1320202VXC Datasheet HTML 8Page - Texas Instruments 5962R1320202VXC Datasheet HTML 9Page - Texas Instruments 5962R1320202VXC Datasheet HTML 10Page - Texas Instruments 5962R1320202VXC Datasheet HTML 11Page - Texas Instruments 5962R1320202VXC Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
0
20
40
60
80
100
-55
-35
-15
5
25
45
65
85
105
125
Junction Temperature ( C)
°
C017
V
IN = 1.5 V
V
IN = 7 V
80
85
90
95
100
-55
-35
-15
5
25
45
65
85
105
125
Junction Temperature ( C)
°
C018
120
160
200
240
280
320
-55
-35
-15
5
25
45
65
85
105
125
Junction Temperature (°C)
5
6
7
8
9
10
11
12
13
±55
±35
±15
5
25
45
65
85
105
125
Junction Temperature (
ƒC)
C015
No Load
Load = 2 A
0.602
0.603
0.604
0.605
0.606
0.607
0.608
-55
-35
-15
5
25
45
65
85
105
125
V
IN = 1.5 V
V
IN = 7 V
Junction Temperature (°C)
5
6
7
8
9
10
±55
±35
±15
5
25
45
65
85
105
125
Junction Temperature (
ƒC)
C014
V
IN = 1.5 V
V
IN = 7 V
8
TPS7H1101A-SP
SLVSDW6 – APRIL 2017
www.ti.com
Product Folder Links: TPS7H1101A-SP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.6 Typical Characteristics
Figure 1. Feedback Voltage vs Temperature
Figure 2. Quiescent Current vs Temperature
Figure 3. Ground Current vs Temperature
VOUT = 1.8 V
Load = 3 A
Figure 4. Dropout Voltage vs Temperature
Figure 5. Shutdown Current vs Temperature
Figure 6. PG Threshold vs Temperature


Similar Part No. - 5962R1320202VXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962R1320202VXC TI1-5962R1320202VXC Datasheet
1Mb / 31P
[Old version datasheet]   1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
5962R1320202VXC TI-5962R1320202VXC Datasheet
2Mb / 32P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
5962R1320202VXC TI-5962R1320202VXC Datasheet
2Mb / 33P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
APRIL 2021
More results

Similar Description - 5962R1320202VXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7H1101A-SP TI1-TPS7H1101A-SP_17 Datasheet
1Mb / 31P
[Old version datasheet]   1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
TPS7H1101A-SP TI-TPS7H1101A-SP_V02 Datasheet
2Mb / 33P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
APRIL 2021
TPS7H1101A-SP TI-TPS7H1101A-SP_V01 Datasheet
2Mb / 32P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
TPS7H2201-SP TI1-TPS7H2201-SP Datasheet
916Kb / 31P
[Old version datasheet]   Radiation Hardened 1.5-V to 7-V, 6-A Load Switch
TPS7H2201-SP TI1-TPS7H2201-SP_19 Datasheet
1Mb / 32P
[Old version datasheet]   Radiation Hardened 1.5-V to 7-V, 6-A Load Switch
TPS7H2201-SP TI1-TPS7H2201-SP_18 Datasheet
917Kb / 32P
[Old version datasheet]   Radiation Hardened 1.5-V to 7-V, 6-A Load Switch
TPS7H1201-HT TI1-TPS7H1201-HT Datasheet
2Mb / 30P
[Old version datasheet]   1.5-V to 7-V Input, Ultra-Low Dropout (LDO) Regulator
TPS7H2201-SP TI-TPS7H2201-SP_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TPS7H2201-SP Radiation Hardened 1.5-V to 7-V, 6-A Load Switch
MAY 2019
TPS50601A-SP TI-TPS50601A-SP_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS50601A-SP Radiation Hardened 3-V to 7-V Input, 6-A Synchronous Buck Converter
OCTOBER 2019
TPS7H2201-SP TI1-TPS7H2201-SP_V02 Datasheet
2Mb / 49P
[Old version datasheet]   TPS7H2201-SP and TPS7H2201-SEP Radiation Hardened 1.5-V to 7-V, 6-A eFuse
REVISED JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com