Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL1582 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL1582
Description  DUAL INPUT LOW DROPOUT REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1582 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL1582 Datasheet HTML 1Page - Anpec Electronics Coropration APL1582 Datasheet HTML 2Page - Anpec Electronics Coropration APL1582 Datasheet HTML 3Page - Anpec Electronics Coropration APL1582 Datasheet HTML 4Page - Anpec Electronics Coropration APL1582 Datasheet HTML 5Page - Anpec Electronics Coropration APL1582 Datasheet HTML 6Page - Anpec Electronics Coropration APL1582 Datasheet HTML 7Page - Anpec Electronics Coropration APL1582 Datasheet HTML 8Page - Anpec Electronics Coropration APL1582 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DUAL INPUT LOW DROPOUT REGULATOR
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Apr., 2003
APL1582
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Features
General Description
The APL1582 of high performance positive voltage
regulators are designed for use in applications
requiring very low dropout voltage at 3Amps .
The APL1582 can provide a output voltage at the range
of 1.25V to 2.55V , where both 5V and 3.3V voltage
supplies are available .
The superior dropout characteristics result in reduced
heat dissipation compared to regular LDOs. The
APL1582 also provides excellent regulation over line ,
load , and temperature variations.
Current limit is trimmed to ensure specified output
current and controlled short-circuit current . On-chip
thermal limiting provides protection against any
combination of overload that would create excessive
junction temperature .
The APL1582 is available in both the through-hole
and surface mount versions of the industry standard
5-Pin TO-220, TO-252 and TO-263 power packages .
Applications
Microprocessor Supplies
•! Chip Set Supplies
VGA Card Power
LCD Monitor Power
Ordering and Marking Information
APL1582
Package Code
F : TO-220-5
G : TO-263-5
U : TO-252-5
Temp. Range
C : 0 to 70 C
Handling Code
TU : Tube
TR : Tape & Reel
Handling Code
Temp. Range
Package Code
APL1582
XXXXX
APL1582 F/G/U :
XXXXX - Date Code
•••••
450mV typ. Dropout at 3A in dual power
voltage mode
•••••
Remote Sense Pin Available
••••• 2% Accuracy Over Temperature Range
••••• Build-in Over Temperature Protection
•••••
Build-in Current Limit
••••• 5 Pin TO-220, TO-252 and TO-263 Packages
•••••
No Supply Sequencing Problems in Dual
Supply Mode
°


Similar Part No. - APL1582

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
APL1582G5C-TRG ANPEC-APL1582G5C-TRG Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
APL1582U5C-TRG ANPEC-APL1582U5C-TRG Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
More results

Similar Description - APL1582

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580 Datasheet
79Kb / 5P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_03 Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL1581 ANPEC-APL1581 Datasheet
311Kb / 17P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_16 Datasheet
169Kb / 6P
   Dual Input Low Dropout Regulator
EZ1580 SEMTECH-EZ1580_10 Datasheet
170Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com