Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APA4835 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part No. APA4835
Description  Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANPEC [Anpec Electronics Coropration]
Homepage  http://www.anpec.com.tw
Logo 

APA4835 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

 
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.7 - Mar., 2003
APA4835
www.anpec.com.tw
5
Pin
Name
No
I/O
Description
VDD
6, 16, 27
Supply voltage input pin
DC_Vol
7
I
Volume control function input pin.
Right Dock
9
O
Right docking output pin
Right In
10
I
Right channel audio input pin
Beep In
11
I
Beep signal input pin
Left In
12
I
Left channel audio input pin
Left Dock
13
O
Right docking output pin
Left Out +
15
O
Left channel positive output pin
Left Out -
17
O
Left channel negative output pin
Left Gain 2
18
Connect pin 2 of the external gain setting resistor for left channel
Left Gain 1
19
Connect pin 1 of the external gain setting resistor for left channel
HP Sense
21
I
Headphone sense control pin
Bypass
22
Bypass pin
Right Gain 1
24
Connect pin 1 of the external gain setting resistor for right channel
Right Gain 2
25
Connect pin 2 of the external gain setting resistor for right channel
Right Out -
26
O
Right channel negative output pin
Right Out +
28
O
Right channel positive output pin
Truth Table for Logic Inputs
Mute
Mode
HP Sense
DC Vol. Control Bridged Output
Single-Ended
0
0
0
Fixed Level
Vol. Fixed
-
0
0
1
Fixed Level
Muted
Vol. Fixed
0
1
0
Adjusted
Vol. Changes
-
0
1
1
Adjusted
Muted
Vol. Changed
1××
-
Muted
Muted
Pin Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn