Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCN15096 Datasheet(PDF) 1 Page - Cree, Inc

Part # FCN15096
Description  Angelette series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FCN15096 Datasheet(HTML) 1 Page - Cree, Inc

  FCN15096 Datasheet HTML 1Page - Cree, Inc FCN15096 Datasheet HTML 2Page - Cree, Inc FCN15096 Datasheet HTML 3Page - Cree, Inc FCN15096 Datasheet HTML 4Page - Cree, Inc FCN15096 Datasheet HTML 5Page - Cree, Inc FCN15096 Datasheet HTML 6Page - Cree, Inc FCN15096 Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT DATASHEET
Angelette series
last update 20/12/2016
DETAILS
Product Number
FCN15096_ANGELETTE-S-RZ-CXA15-18
Family
Angelette
Type
RefPack
Color
metal
Diameter
110 mm
Height
57,3 mm
Style
round
Optic Material
PC
Holder Material
Fastening
Status
production ready
ROHS Comliant
Yes
Date Updated
20/12/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
CXA/B 15xx
11 deg
Spot
86 %
6.600
-
CXA/B 1816 & CXA/B 1820 & CXA 1850 13 deg
Spot
86 %
5.500
-
May 23rd 2017 7:08 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FCN15096

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN15093 CREE-FCN15093 Datasheet
699Kb / 7P
   Angelette series
More results

Similar Description - FCN15096

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN14424 CREE-CN14424 Datasheet
352Kb / 5P
   Angelette series
FCN15093 CREE-FCN15093 Datasheet
699Kb / 7P
   Angelette series
FCN15296 CREE-FCN15296 Datasheet
675Kb / 7P
   Angelette series
FCN15116 CREE-FCN15116 Datasheet
699Kb / 7P
   Angelette series
FCN15297 CREE-FCN15297 Datasheet
677Kb / 7P
   Angelette series
FCN15085 CREE-FCN15085 Datasheet
652Kb / 7P
   Angelette series
FCN15089 CREE-FCN15089 Datasheet
655Kb / 7P
   Angelette series
FCN15104 CREE-FCN15104 Datasheet
702Kb / 7P
   Angelette series
FCN15100 CREE-FCN15100 Datasheet
649Kb / 7P
   Angelette series
FCN15124 CREE-FCN15124 Datasheet
703Kb / 7P
   Angelette series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com