Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBV0531AKILF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 9DBV0531AKILF
Description  5-Output 1.8V HCSL Fanout Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0531AKILF Datasheet(HTML) 3 Page - Integrated Device Technology

  9DBV0531AKILF Datasheet HTML 1Page - Integrated Device Technology 9DBV0531AKILF Datasheet HTML 2Page - Integrated Device Technology 9DBV0531AKILF Datasheet HTML 3Page - Integrated Device Technology 9DBV0531AKILF Datasheet HTML 4Page - Integrated Device Technology 9DBV0531AKILF Datasheet HTML 5Page - Integrated Device Technology 9DBV0531AKILF Datasheet HTML 6Page - Integrated Device Technology 9DBV0531AKILF Datasheet HTML 7Page - Integrated Device Technology 9DBV0531AKILF Datasheet HTML 8Page - Integrated Device Technology 9DBV0531AKILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MARCH 10, 2017
3
5-OUTPUT 1.8V HCSL FANOUT BUFFER
9DBV0531 DATASHEET
Pin Descriptions
Pin#
Pin Name
Type
Pin Description
1vOE4#
IN
Active low input for enabling DIF pair 4. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
2
DIF4
OUT
Differential true clock output
3
DIF4#
OUT
Differential Complementary clock output
4
VDDR1.8
PWR
1.8V power for differential input clock (receiver). This VDD should be treated as
an Analog power rail and filtered appropriately.
5
CLK_IN
IN
True Input for differential reference clock.
6
CLK_IN#
IN
Complementary Input for differential reference clock.
7
GNDR
GND
Analog Ground pin for the differential input (receiver)
8
GNDDIG
GND
Ground pin for digital circuitry
9
VDDDIG1.8
PWR
1.8V digital power (dirty power)
10
SCLK_3.3
IN
Clock pin of SMBus circuitry, 3.3V tolerant.
11
SDATA_3.3
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
12
vOE0#
IN
Active low input for enabling DIF pair 0. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
13
DIF0
OUT
Differential true clock output
14
DIF0#
OUT
Differential Complementary clock output
15
GND
GND
Ground pin.
16
VDDO1.8
PWR
Power supply for outputs, nominally 1.8V.
17
vOE1#
IN
Active low input for enabling DIF pair 1. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
18
DIF1
OUT
Differential true clock output
19
DIF1#
OUT
Differential Complementary clock output
20
GND
GND
Ground pin.
21
VDDO1.8
PWR
Power supply for outputs, nominally 1.8V.
22
DIF2
OUT
Differential true clock output
23
DIF2#
OUT
Differential Complementary clock output
24
vOE2#
IN
Active low input for enabling DIF pair 2. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
25
VDDO1.8
PWR
Power supply for outputs, nominally 1.8V.
26
GND
GND
Ground pin.
27
DIF3
OUT
Differential true clock output
28
DIF3#
OUT
Differential Complementary clock output
29
vOE3#
IN
Active low input for enabling DIF pair 3. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
30
GND
GND
Ground pin.
31
^CKPWRGD_PD#
IN
Input notifies device to sample latched inputs and start up on first high assertion.
Low enters Power Down Mode, subsequent high assertions exit Power Down
Mode. This pin has internal pull-up resistor.
32
^SADR_tri
LATCHED IN
Tri-level latch to select SMBus Address. It has an internal 120Kohm pull down
resistor. See SMBus Address Selection Table.
33
ePAD
GND
Connect epad to ground.


Similar Part No. - 9DBV0531AKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0531AKILF IDT-9DBV0531AKILF Datasheet
204Kb / 17P
   5-output 1.8V HCSL Fanout Buffer
logo
Renesas Technology Corp
9DBV0531AKILF RENESAS-9DBV0531AKILF Datasheet
1Mb / 28P
   5 to 9-Output 1.8V Low-Power Buffers for PCIe Gen1–5
February 6, 2023
logo
Integrated Device Techn...
9DBV0531AKILFT IDT-9DBV0531AKILFT Datasheet
204Kb / 17P
   5-output 1.8V HCSL Fanout Buffer
logo
Renesas Technology Corp
9DBV0531AKILFT RENESAS-9DBV0531AKILFT Datasheet
1Mb / 28P
   5 to 9-Output 1.8V Low-Power Buffers for PCIe Gen1–5
February 6, 2023
More results

Similar Description - 9DBV0531AKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0541 IDT-9DBV0541_16 Datasheet
218Kb / 17P
   5-output 1.8V HCSL Fanout Buffer
9DBV0531 IDT-9DBV0531_16 Datasheet
204Kb / 17P
   5-output 1.8V HCSL Fanout Buffer
9DBV0741 IDT-9DBV0741 Datasheet
221Kb / 17P
   7-output 1.8V HCSL Fanout Buffer
9DBV0731 IDT-9DBV0731_16 Datasheet
264Kb / 17P
   7-output 1.8V HCSL Fanout Buffer
9DBV0731 IDT-9DBV0731_17 Datasheet
264Kb / 17P
   7-Output 1.8V HCSL Fanout Buffer
9DBV0931 IDT-9DBV0931_17 Datasheet
254Kb / 18P
   9-Output 1.8V HCSL Fanout Buffer
9DBV0941 IDT-9DBV0941_16 Datasheet
269Kb / 18P
   9-output 1.8V HCSL Fanout Buffer
9DBV0931 IDT-9DBV0931_16 Datasheet
269Kb / 18P
   9-output 1.8V HCSL Fanout Buffer
9DBV0541 IDT-9DBV0541_17 Datasheet
218Kb / 17P
   5-Output 1.8V HCSL Fanout Buffer with Zo=100ohms
9DBV0741 IDT-9DBV0741_17 Datasheet
211Kb / 17P
   7-Output 1.8V HCSL Fanout Buffer with Zo=100ohms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com