Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBV0531AKILF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9DBV0531AKILF
Description  5-Output 1.8V HCSL Fanout Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0531AKILF Datasheet(HTML) 2 Page - Integrated Device Technology

  9DBV0531AKILF Datasheet HTML 1Page - Integrated Device Technology 9DBV0531AKILF Datasheet HTML 2Page - Integrated Device Technology 9DBV0531AKILF Datasheet HTML 3Page - Integrated Device Technology 9DBV0531AKILF Datasheet HTML 4Page - Integrated Device Technology 9DBV0531AKILF Datasheet HTML 5Page - Integrated Device Technology 9DBV0531AKILF Datasheet HTML 6Page - Integrated Device Technology 9DBV0531AKILF Datasheet HTML 7Page - Integrated Device Technology 9DBV0531AKILF Datasheet HTML 8Page - Integrated Device Technology 9DBV0531AKILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
5-OUTPUT 1.8V HCSL FANOUT BUFFER
2
MARCH 10, 2017
9DBV0531 DATASHEET
Pin Configuration
SMBus Address Selection Table
Power Management Table
Power Connections
32 31 30 29 28 27 26 25
vOE4# 1
24 vOE2#
DIF4 2
23 DIF2#
DIF4# 3
22 DIF2
VDDR1.8 4
21 VDDO1.8
CLK_IN 5
20 GND
CLK_IN# 6
19 DIF1#
GNDR 7
18 DIF1
GNDDIG 817 vOE1#
9 10111213141516
32-pin VFQFPN, 5x5 mm, 0.5mm pitch
v prefix indicates internal 120KOhm pull down resistor
^ prefix indicates internal 120KOhm pull up resistor
^v prefix indicates internal 120KOhm pull up AND pull
down resistor (biased to VDD/2)
9DBV0531
connect
epad to GND
SADR
Address
0
1101011
M
1101100
1
1101101
x
State of SADR on first application of
CKPWRGD_PD#
+
Read/Write bit
x
x
True O/P
Comp. O/P
0X
X
X
Low
Low
1
Running
0
X
Low
Low
1
Running
1
0
Running
Running
1
Running
1
1
Low
Low
CLK_IN
OEx# Pin
DIFx
CKPWRGD_PD#
SMBus
OEx bit
VDD
GND
47
98
16, 25
15,20,26,30
21
20
Input receiver analog
Digital Power
DIF outputs
Analog
Description
Pin Number


Similar Part No. - 9DBV0531AKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0531AKILF IDT-9DBV0531AKILF Datasheet
204Kb / 17P
   5-output 1.8V HCSL Fanout Buffer
logo
Renesas Technology Corp
9DBV0531AKILF RENESAS-9DBV0531AKILF Datasheet
1Mb / 28P
   5 to 9-Output 1.8V Low-Power Buffers for PCIe Gen1–5
February 6, 2023
logo
Integrated Device Techn...
9DBV0531AKILFT IDT-9DBV0531AKILFT Datasheet
204Kb / 17P
   5-output 1.8V HCSL Fanout Buffer
logo
Renesas Technology Corp
9DBV0531AKILFT RENESAS-9DBV0531AKILFT Datasheet
1Mb / 28P
   5 to 9-Output 1.8V Low-Power Buffers for PCIe Gen1–5
February 6, 2023
More results

Similar Description - 9DBV0531AKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0541 IDT-9DBV0541_16 Datasheet
218Kb / 17P
   5-output 1.8V HCSL Fanout Buffer
9DBV0531 IDT-9DBV0531_16 Datasheet
204Kb / 17P
   5-output 1.8V HCSL Fanout Buffer
9DBV0741 IDT-9DBV0741 Datasheet
221Kb / 17P
   7-output 1.8V HCSL Fanout Buffer
9DBV0731 IDT-9DBV0731_16 Datasheet
264Kb / 17P
   7-output 1.8V HCSL Fanout Buffer
9DBV0731 IDT-9DBV0731_17 Datasheet
264Kb / 17P
   7-Output 1.8V HCSL Fanout Buffer
9DBV0931 IDT-9DBV0931_17 Datasheet
254Kb / 18P
   9-Output 1.8V HCSL Fanout Buffer
9DBV0941 IDT-9DBV0941_16 Datasheet
269Kb / 18P
   9-output 1.8V HCSL Fanout Buffer
9DBV0931 IDT-9DBV0931_16 Datasheet
269Kb / 18P
   9-output 1.8V HCSL Fanout Buffer
9DBV0541 IDT-9DBV0541_17 Datasheet
218Kb / 17P
   5-Output 1.8V HCSL Fanout Buffer with Zo=100ohms
9DBV0741 IDT-9DBV0741_17 Datasheet
211Kb / 17P
   7-Output 1.8V HCSL Fanout Buffer with Zo=100ohms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com