Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5PB1106PGGK Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 5PB1106PGGK
Description  1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5PB1106PGGK Datasheet(HTML) 1 Page - Integrated Device Technology

  5PB1106PGGK Datasheet HTML 1Page - Integrated Device Technology 5PB1106PGGK Datasheet HTML 2Page - Integrated Device Technology 5PB1106PGGK Datasheet HTML 3Page - Integrated Device Technology 5PB1106PGGK Datasheet HTML 4Page - Integrated Device Technology 5PB1106PGGK Datasheet HTML 5Page - Integrated Device Technology 5PB1106PGGK Datasheet HTML 6Page - Integrated Device Technology 5PB1106PGGK Datasheet HTML 7Page - Integrated Device Technology 5PB1106PGGK Datasheet HTML 8Page - Integrated Device Technology 5PB1106PGGK Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DATASHEET
5PB11xx MARCH 28, 2017
1
©2017 Integrated Device Technology, Inc.
1.8V to 3.3V LVCMOS High Performance
Clock Buffer Family
5PB11xx
Description
The 5PB11xx is a high-performance LVCMOS Clock Buffer
Family. It has best-in-class additive phase jitter of 50fsec
RMS.
There are five different fan-out variations, 1:2 to 1:10,
available.
The IDT5PB11xx also supports a synchronous glitch-free
Output Enable function to eliminate any potential intermediate
incorrect output clock cycles when enabling or disabling
outputs. It comes in various packages and can operate from a
1.8V to 3.3V supply.
Features
High performance 1:2, 1:4, 1:6, 1:8, 1:10 LVCMOS clock
buffer
Very low pin-to-pin skew < 50ps
Very low additive jitter < 50fs
Supply voltage: 1.8V to 3.3V
fMAX = 200MHz
Integrated serial termination for 50 channel
Packaged in 8-, 14-, 16-, 20-pin TSSOP and as small as
2 × 2 mm DFN and QFN packages
Industrial (-40°C to +85°C) and extended (-40°C to
+105°C) temperature ranges
Block Diagram
LVCMOS
Y0
CLKIN
Y1
Y2
Y3
LVCMOS
LVCMOS
LVCMOS
LVCMOS
LVCMOS
Yn
1G


Similar Part No. - 5PB1106PGGK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5PB1106PGGK IDT-5PB1106PGGK Datasheet
678Kb / 21P
   LVCMOS High-Performance Clock Buffer Family
5PB1106PGGK8 IDT-5PB1106PGGK8 Datasheet
678Kb / 21P
   LVCMOS High-Performance Clock Buffer Family
More results

Similar Description - 5PB1106PGGK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5PB11XX IDT-5PB11XX Datasheet
504Kb / 19P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
5PB11XX IDT-5PB11XX_18 Datasheet
678Kb / 21P
   LVCMOS High-Performance Clock Buffer Family
5P8390X IDT-5P8390X Datasheet
373Kb / 18P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
5PB12XX RENESAS-5PB12XX Datasheet
741Kb / 16P
   High-Performance TCXO/LVCMOS Clock Buffer Family
June 7, 2022
2304NZL RENESAS-2304NZL Datasheet
533Kb / 16P
   1.8V to 3.3V, High-Performance 1:4 Clock Buffer
JANUARY 31, 2017
5P8390X RENESAS-5P8390X Datasheet
567Kb / 19P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE
2019
logo
ON Semiconductor
NB3V1102C ONSEMI-NB3V1102C Datasheet
318Kb / 11P
   3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
August, 2015 ??Rev. 1
logo
Integrated Device Techn...
5PB12XX IDT-5PB12XX_18 Datasheet
379Kb / 15P
   3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
5PB12XX IDT-5PB12XX Datasheet
316Kb / 15P
   3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
logo
ON Semiconductor
NB3V1102C ONSEMI-NB3V1102C_16 Datasheet
330Kb / 12P
   3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
March, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com