Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBU0741AKLF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 9DBU0741AKLF
Description  7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBU0741AKLF Datasheet(HTML) 1 Page - Integrated Device Technology

  9DBU0741AKLF Datasheet HTML 1Page - Integrated Device Technology 9DBU0741AKLF Datasheet HTML 2Page - Integrated Device Technology 9DBU0741AKLF Datasheet HTML 3Page - Integrated Device Technology 9DBU0741AKLF Datasheet HTML 4Page - Integrated Device Technology 9DBU0741AKLF Datasheet HTML 5Page - Integrated Device Technology 9DBU0741AKLF Datasheet HTML 6Page - Integrated Device Technology 9DBU0741AKLF Datasheet HTML 7Page - Integrated Device Technology 9DBU0741AKLF Datasheet HTML 8Page - Integrated Device Technology 9DBU0741AKLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DATASHEET
9DBU0741 MARCH 8, 2017
1
©2017 Integrated Device Technology, Inc.
7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
with Zo=100ohms
9DBU0741
Description
The 9DBU0741 is a member of IDT's 1.5V Ultra-Low-Power
(ULP) PCIe family. It has integrated terminations for direct
connection to 100
 transmission lines. The device has 7
output enables for clock management, and 3 selectable
SMBus addresses.
Recommended Application
1.5V PCIe Gen1-2-3 Fanout Buffer (FOB)
Output Features
7 – 1–167MHz Low-Power (LP) HCSL DIF pairs with
Zo=100
Key Specifications
DIF additive cycle-to-cycle jitter < 5ps
DIF output-to-output skew < 60ps
DIF additive phase jitter is < 300fs rms for PCIe Gen3
DIF additive phase jitter < 350s rms for SGMII
Features/Benefits
Integrated terminations; save 28 resistors compared to
standard HCSL outputs
36mW typical power consumption; eliminates thermal
concerns
Outputs can optionally be supplied from any voltage
between 1.05V and 1.5V; maximum power savings
Spread Spectrum (SS) compatible; allows SS for EMI
reduction
OE# pins for each output; support DIF power management
HCSL-compatible differential input; can be driven by
common clock sources
SMBus-selectable features; optimize signal integrity to
application
slew rate for each output
differential output amplitude
Device contains default configuration; SMBus interface not
required for device operation
Selectable SMBus addresses; multiple devices can easily
share an SMBus segment
3.3V tolerant SMBus interface works with legacy controllers
5 × 5 mm 40-VFQFPN package; minimal board space
Block Diagram
CONTROL
LOGIC
^CKPWRGD_PD#
SDATA_3.3
vOE(6:0)#
SCLK_3.3
vSADR
CLK_IN
7
CLK_IN#
DIF0
DIF1
DIF2
DIF3
DIF4
DIF5
DIF6


Similar Part No. - 9DBU0741AKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBU0741 ICST-9DBU0741 Datasheet
225Kb / 17P
   slew rate for each output
logo
Renesas Technology Corp
9DBU0741 RENESAS-9DBU0741 Datasheet
412Kb / 18P
   7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
MARCH 8, 2017
More results

Similar Description - 9DBU0741AKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBU0731 IDT-9DBU0731 Datasheet
213Kb / 17P
   7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
logo
Renesas Technology Corp
9DBU0731 RENESAS-9DBU0731 Datasheet
406Kb / 18P
   7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 8, 2017
9DBU0531 RENESAS-9DBU0531 Datasheet
407Kb / 18P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
9DBU0931 RENESAS-9DBU0931 Datasheet
407Kb / 18P
   9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
logo
Integrated Device Techn...
9DBU0531 IDT-9DBU0531_17 Datasheet
213Kb / 17P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0931 IDT-9DBU0931_17 Datasheet
213Kb / 17P
   9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
logo
Renesas Technology Corp
9DBU0741 RENESAS-9DBU0741 Datasheet
412Kb / 18P
   7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
MARCH 8, 2017
9DBU0541 RENESAS-9DBU0541 Datasheet
412Kb / 18P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
MARCH 9, 2017
logo
Integrated Device Techn...
9DBU0541 IDT-9DBU0541_17 Datasheet
218Kb / 17P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
9DBU0941 IDT-9DBU0941_17 Datasheet
218Kb / 17P
   9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com