Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBU0541AKLFT Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 9DBU0541AKLFT
Description  5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBU0541AKLFT Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 9DBU0541AKLFT Datasheet HTML 7Page - Integrated Device Technology 9DBU0541AKLFT Datasheet HTML 8Page - Integrated Device Technology 9DBU0541AKLFT Datasheet HTML 9Page - Integrated Device Technology 9DBU0541AKLFT Datasheet HTML 10Page - Integrated Device Technology 9DBU0541AKLFT Datasheet HTML 11Page - Integrated Device Technology 9DBU0541AKLFT Datasheet HTML 12Page - Integrated Device Technology 9DBU0541AKLFT Datasheet HTML 13Page - Integrated Device Technology 9DBU0541AKLFT Datasheet HTML 14Page - Integrated Device Technology 9DBU0541AKLFT Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MARCH 9, 2017
11
5-OUTPUT 1.5V PCIE GEN1-2-3 FANOUT BUFFER WITH ZO=100OHMS
9DBU0541 DATASHEET
SMBus Table: Output Enable Register
1
Byte 0
Name
Control Function
Type
0
1
Default
Bit 7
1
Bit 6
DIF OE3
Output Enable
RW
Low/Low
Enabled
1
Bit 5
DIF OE2
Output Enable
RW
Low/Low
Enabled
1
Bit 4
1
Bit 3
DIF OE1
Output Enable
RW
Low/Low
Enabled
1
Bit 2
1
Bit 1
DIF OE0
Output Enable
RW
Low/Low
Enabled
1
Bit 0
1
1. A low on these bits will override the OE# pin and force the differential output Low/Low
SMBus Table: PLL Operating Mode and Output Amplitude Control Register
Byte 1
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
1
Bit 5
DIF OE4
Output Enable
RW
Low/Low
Enabled
1
Bit 4
0
Bit 3
1
Bit 2
1
Bit 1
AMPLITUDE 1
RW
00 = 0.55V
01= 0.65V
1
Bit 0
AMPLITUDE 0
RW
10 = 0.7V
11 = 0.8V
0
1. A low on the DIF OE bit will override the OE# pin and force the differential output Low/Low
SMBus Table: DIF Slew Rate Control Register
Byte 2
Name
Control Function
Type
0
1
Default
Bit 7
1
Bit 6
SLEWRATESEL DIF3
Slew Rate Selection
RW
Slow Setting
Fast Setting
1
Bit 5
SLEWRATESEL DIF2
Slew Rate Selection
RW
Slow Setting
Fast Setting
1
Bit 4
1
Bit 3
SLEWRATESEL DIF1
Slew Rate Selection
RW
Slow Setting
Fast Setting
1
Bit 2
1
Bit 1
Slow Setting
Fast Setting
RW
Slow Setting
Fast Setting
1
Bit 0
1
Note: See "DIF 0.7V Low-Power HCSL Outputs" table for slew rates.
SMBus Table: DIF Slew Rate Control Register
Byte 3
Name
Control Function
Type
0
1
Default
Bit 7
1
Bit 6
1
Bit 5
0
Bit 4
0
Bit 3
0
Bit 2
1
Bit 1
1
Bit 0
SLEWRATESEL DIF4
Adjust Slew Rate of DIF4
RW
Slow Setting
Fast Setting
1
Note: See "DIF 0.7V Low-Power HCSL Outputs" table for slew rates.
Byte 4 is Reserved and reads back 'hFF
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Controls Output Amplitude
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved


Similar Part No. - 9DBU0541AKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBU0541 ICST-9DBU0541 Datasheet
190Kb / 16P
   slew rate for each output
logo
Integrated Device Techn...
9DBU0541 IDT-9DBU0541 Datasheet
190Kb / 16P
   HCSL-compatible differential input
logo
Renesas Technology Corp
9DBU0541 RENESAS-9DBU0541 Datasheet
412Kb / 18P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
MARCH 9, 2017
More results

Similar Description - 9DBU0541AKLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DBU0541 RENESAS-9DBU0541 Datasheet
412Kb / 18P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
MARCH 9, 2017
9DBU0741 RENESAS-9DBU0741 Datasheet
412Kb / 18P
   7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
MARCH 8, 2017
logo
Integrated Device Techn...
9DBU0941 IDT-9DBU0941_17 Datasheet
218Kb / 17P
   9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
logo
Renesas Technology Corp
9DBU0941 RENESAS-9DBU0941 Datasheet
412Kb / 18P
   9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
MARCH 9, 2017
9DBU0531 RENESAS-9DBU0531 Datasheet
407Kb / 18P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
logo
Integrated Device Techn...
9DBU0531 IDT-9DBU0531_17 Datasheet
213Kb / 17P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
logo
Renesas Technology Corp
9FGU0841 RENESAS-9FGU0841 Datasheet
400Kb / 17P
   8-output 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
logo
Integrated Device Techn...
9DBU0731 IDT-9DBU0731 Datasheet
213Kb / 17P
   7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
logo
Renesas Technology Corp
9DBU0931 RENESAS-9DBU0931 Datasheet
407Kb / 18P
   9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
logo
Integrated Device Techn...
9DBU0931 IDT-9DBU0931_17 Datasheet
213Kb / 17P
   9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com