Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBL0641 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 9DBL0641
Description  6-output 3.3V PCIe Zero-Delay Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBL0641 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 9DBL0641 Datasheet HTML 5Page - Integrated Device Technology 9DBL0641 Datasheet HTML 6Page - Integrated Device Technology 9DBL0641 Datasheet HTML 7Page - Integrated Device Technology 9DBL0641 Datasheet HTML 8Page - Integrated Device Technology 9DBL0641 Datasheet HTML 9Page - Integrated Device Technology 9DBL0641 Datasheet HTML 10Page - Integrated Device Technology 9DBL0641 Datasheet HTML 11Page - Integrated Device Technology 9DBL0641 Datasheet HTML 12Page - Integrated Device Technology 9DBL0641 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
FEBRUARY 8, 2017
9
6-OUTPUT 3.3V PCIE ZERO-DELAY BUFFER
9DBL0641 / 9DBL0651 DATASHEET
Electrical Characteristics–Filtered Phase Jitter Parameters - PCIe Separate
Reference Independent Spread (SRIS) Architectures5
Electrical Characteristics– Unfiltered Phase Jitter Parameters
TAMB = over the specified operating range. Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
INDUSTRY
LIMIT
UNITS
Notes
tjphPCIeG2-
SRIS
PCIe Gen 2
(PLL BW of 16MHz , CDR = 5MHz)
1.2
1.5
2
ps
(rms)
1,2
tjphPCIeG3-
SRIS
PCIe Gen 3
(PLL BW of 2-4MHz or 2-5MHz, CDR = 10MHz)
0.5
ps
(rms)
1,2,6
tjphPCIeG2-
SRIS
PCIe Gen 2
(PLL BW of 16MHz , CDR = 5MHz)
0.0
0.01
ps
(rms)
1,2,4
tjphPCIeG3-
SRIS
PCIe Gen 3
(PLL BW of 2-4MHz or 2-5MHz, CDR = 10MHz)
0.0
0.01
ps
(rms)
1,2,4,6
1 Applies to all outputs.
Phase Jitter, PLL Mode
n/a
6 This device does not support PCIe Gen3 SRIS in PLL mode. It supports PCIe Gen3 SRIS in bypass mode.
Additive Phase Jitter,
Bypass mode
n/a
2 Based on PCIe Base Specification Rev3.1a. These filters are different than Common Clock filters. See http://www.pcisig.com for latest specifications.
3 Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
4 For RMS values, additive jitter is calculated by solving the following equation for b [a^2+b^2=c^2 ] where a is rms input jitter and c is rms total jitter.
5 As of PCIe Base Specification Rev4.0 draft 0.7, SRIS is not currently defined for Gen1 or Gen4.
TA = TAMB, Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
INDUSTRY
LIMIT
UNITS
Notes
tjph156M
156.25MHz, 1.5MHz to 10MHz, -20dB/decade
rollover < 1.5MHz, -40db/decade rolloff > 10MHz
159
N/A
fs
(rms)
1,2,3
tjph156M12k-
20
156.25MHz, 12kHz to 20MHz, -20dB/decade
rollover <12kHz, -40db/decade rolloff > 20MHz
363
N/A
fs
(rms)
1,2,3
1Guaranteed by design and characterization, not 100% tested in production.
3 For RMS figures, additive jitter is calculated by solving the following equation: Additive jitter = SQRT[(total jitter)^2 - (input jitter)^2]
Additive Phase Jitter,
Fanout Mode
2 DRiven by Rohde&Schartz SMA100


Similar Part No. - 9DBL0641

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL0641BKILF IDT-9DBL0641BKILF Datasheet
318Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
9DBL0641BKILFT IDT-9DBL0641BKILFT Datasheet
318Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
More results

Similar Description - 9DBL0641

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL06 IDT-9DBL06 Datasheet
318Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
9DBL04 IDT-9DBL04 Datasheet
305Kb / 19P
   4-output 3.3V PCIe Zero-delay Buffer
9DBL0442 IDT-9DBL0442 Datasheet
305Kb / 19P
   4-Output 3.3V PCIe Zero-delay Buffer
9DBL0242 IDT-9DBL0242 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL0841 IDT-9DBL0841 Datasheet
340Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
9DBL02 IDT-9DBL02 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL08 IDT-9DBL08 Datasheet
354Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
logo
Silicon Laboratories
SI53115 SILABS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER/ ZERO DELAY BUFFER
logo
Skyworks Solutions Inc.
SI53115 SKYWORKS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER / ZERO-DELAY BUFFER
Rev. 1.2
logo
Exar Corporation
XRK39653 EXAR-XRK39653 Datasheet
192Kb / 7P
   3.3V, 8-OUTPUT ZERO DELAY BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com