Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBL0242BKILF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 9DBL0242BKILF
Description  2-output 3.3V PCIe Zero-Delay Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBL0242BKILF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 9DBL0242BKILF Datasheet HTML 4Page - Integrated Device Technology 9DBL0242BKILF Datasheet HTML 5Page - Integrated Device Technology 9DBL0242BKILF Datasheet HTML 6Page - Integrated Device Technology 9DBL0242BKILF Datasheet HTML 7Page - Integrated Device Technology 9DBL0242BKILF Datasheet HTML 8Page - Integrated Device Technology 9DBL0242BKILF Datasheet HTML 9Page - Integrated Device Technology 9DBL0242BKILF Datasheet HTML 10Page - Integrated Device Technology 9DBL0242BKILF Datasheet HTML 11Page - Integrated Device Technology 9DBL0242BKILF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
2-OUTPUT 3.3V PCIE ZERO-DELAY BUFFER
8
FEBRUARY 8, 2017
9DBL0242 / 9DBL0252 DATASHEET
Electrical Characteristics–Output Duty Cycle, Jitter, Skew and PLL Characteristics
Electrical Characteristics–Filtered Phase Jitter Parameters - PCIe Common Clocked
(CC) Architectures
TA = TAMB, Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
-3dB point in High BW Mode (100MHz)
2
3.3
4
MHz
1,5
-3dB point in Low BW Mode (100MHz)
1
1.5
2
MHz
1,5
PLL Jitter Peaking
tJPEAK
Peak Pass band Gain (100MHz)
0.8
2
dB
1
Duty Cycle
tDC
Measured differentially, PLL Mode
45
50
55
%
1
Duty Cycle Distortion
tDCD
Measured differentially, Bypass Mode
-1
0.0
1
%
1,3
tpdBYP
Bypass Mode, VT = 50%
2500
3406
4500
ps
1
tpdPLL
PLL Mode VT = 50%
-100
8
100
ps
1,4
Skew, Output to Output
tsk3
VT = 50%
21
55
ps
1,4
PLL mode
15
50
ps
1,2
Additive Jitter in Bypass Mode
0.1
1
ps
1,2
1 Guaranteed by design and characterization, not 100% tested in production.
2 Measured from differential waveform
3 Duty cycle distortion is the difference in duty cycle between the output and the input clock when the device is operated in bypass mode.
4 All outputs at default slew rate
5 The MIN/TYP/MAX values of each BW setting track each other, i.e., Low BW MAX will never occur with Hi BW MIN.
Skew, Input to Output
Jitter, Cycle to cycle
tjcyc-cyc
PLL Bandwidth
BW
TAMB = over the specified operating range. Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
INDUSTRY
LIMIT
UNITS
Notes
tjphPCIeG1-CC
PCIe Gen 1
23
32
86
ps (p-p) 1,2,3,5
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
(PLL BW of 5-16MHz or 8-5MHz, CDR = 5MHz)
0.6
0.8
3
ps
(rms)
1,2,5
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
(PLL BW of 5-16MHz or 8-5MHz, CDR = 5MHz)
1.7
2.1
3.1
ps
(rms)
1,2,5
tjphPCIeG3-CC
PCIe Gen 3
(PLL BW of 2-4MHz or 2-5MHz, CDR = 10MHz)
0.4
0.48
1
ps
(rms)
1,2,5
tjphPCIeG4-CC
PCIe Gen 4
(PLL BW of 2-4MHz or 2-5MHz, CDR = 10MHz)
0.4
0.48
0.5
ps
(rms)
1,2,5
tjphPCIeG1-CC
PCIe Gen 1
0.0
0.01
ps
(p-p)
1,2,5
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
(PLL BW of 5-16MHz or 8-5MHz, CDR = 5MHz)
0.0
0.01
ps
(rms)
1,2,4,5
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
(PLL BW of 5-16MHz or 8-5MHz, CDR = 5MHz)
0.0
0.01
ps
(rms)
1,2,4,5
tjphPCIeG3-CC
PCIe Gen 3
(PLL BW of 2-4MHz or 2-5MHz, CDR = 10MHz)
0.0
0.01
ps
(rms)
1,2,4,5
tjphPCIeG4-CC
PCIe Gen 4
(PLL BW of 2-4MHz or 2-5MHz, CDR = 10MHz)
0.0
0.01
ps
(rms)
1,2,4,5
1 Applies to all outputs.
5 Driven by 9FGL0841 or equivalent
3 Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
4 For RMS values additive jitter is calculated by solving the following equation for b [a^2+b^2=c^2 ] where a is rms input jitter and c is rms total jitter.
Phase Jitter,
PLL Mode
tjphPCIeG2-CC
Additive
Phase Jitter,
Bypass mode
n/a
tjphPCIeG2-CC
2 Based on PCIe Base Specification Rev4.0 version 0.7draft. See http://www.pcisig.com for latest specifications.


Similar Part No. - 9DBL0242BKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL0242BKILF IDT-9DBL0242BKILF Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL0242BKILFT IDT-9DBL0242BKILFT Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
More results

Similar Description - 9DBL0242BKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL02 IDT-9DBL02 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL06 IDT-9DBL06 Datasheet
318Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
9DBL04 IDT-9DBL04 Datasheet
305Kb / 19P
   4-output 3.3V PCIe Zero-delay Buffer
9DBL0442 IDT-9DBL0442 Datasheet
305Kb / 19P
   4-Output 3.3V PCIe Zero-delay Buffer
9DBL0841 IDT-9DBL0841 Datasheet
340Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
9DBL0641 IDT-9DBL0641 Datasheet
307Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
9DBL08 IDT-9DBL08 Datasheet
354Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
logo
Silicon Laboratories
SI53115 SILABS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER/ ZERO DELAY BUFFER
logo
Skyworks Solutions Inc.
SI53115 SKYWORKS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER / ZERO-DELAY BUFFER
Rev. 1.2
logo
Exar Corporation
XRK39653 EXAR-XRK39653 Datasheet
192Kb / 7P
   3.3V, 8-OUTPUT ZERO DELAY BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com